Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
13
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
M
L1
Connection thread M5 x 0.8
H
Connection thread
ø
D2
Applicable tubing
Connection
thread
Rc
H
L1
M
Connection thread
(With sealant)
Applicable tubing
ø
D2
Universal Female Elbow: KQ2VF (Sealant)
Note) øD1 is maximum diameter.
Universal Female Elbow: KQ2VF (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R, Rc
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2VF04-01
lS 14 8.2 13.4 19.3 14.4 28.5 25.4 13.3 2.9 2.9 3
17.3
ø
6
1/8
KQ2VF06-01
lS 14 10.4 13.4 20.5 14.4 28.5 25.4 13.3 7.5 5.9 4.5 17.6
1/4
KQ2VF06-02
lS 17 10.4 17.6 21.2 19.4 37.9 33.2 13.3 7.5 5.9 4.5 37
ø
8
1/8
KQ2VF08-01
lS 17 13.2 17.6 23.5 15.5 30 26.9 14.2 16 11.2 6
27.5
1/4
KQ2VF08-02
lS 17 13.2 17.6 23.5 18.9 37.9 33.2 14.2 16 11.2 6
38.1
3/8
KQ2VF08-03
lS 22 13.2 25.2 24.9 24 44 38.9 14.2 16 11.2 6
64.5
ø
10
1/4
KQ2VF10-02
lS 19 15.9 20.6 25.9 20.4 40.3 35.6 15.6 27 20.3 7.5 46.4
3/8
KQ2VF10-03
lS 22 15.9 25.2 26.3 23.2 44 38.9 15.6 27 20.3 9
65.3
ø
12
3/8
KQ2VF12-03
lS 22 18.5 25.2 28.5 22.5 44 38.9 17 39 30.8 9
67.2
1/2
KQ2VF12-04
lS 24 18.5 27 29.9 24.4 48.9 42.5 17 39 30.8 9
95.6
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4 M5 x 0.8 KQ2VF04-M5
l 8
8.2 9.8 17.5 10.2 19.2 16.2 13.3 2.9 2.9 2.5 5.5
ø
6 M5 x 0.8 KQ2VF06-M5
l 8 10.4 9.8 18.3 10.2 19.2 16.2 13.3 3.8 3.8 2.5 5.8


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com