Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2S15903SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2S15903SP
Description  Sound Controller with Surround and AGC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15903SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2S15903SP Datasheet HTML 1Page - Renesas Technology Corp R2S15903SP Datasheet HTML 2Page - Renesas Technology Corp R2S15903SP Datasheet HTML 3Page - Renesas Technology Corp R2S15903SP Datasheet HTML 4Page - Renesas Technology Corp R2S15903SP Datasheet HTML 5Page - Renesas Technology Corp R2S15903SP Datasheet HTML 6Page - Renesas Technology Corp R2S15903SP Datasheet HTML 7Page - Renesas Technology Corp R2S15903SP Datasheet HTML 8Page - Renesas Technology Corp R2S15903SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.1.4 Dec 06, 2005 page 1 of 11
Preliminary
R2S15903SP
Sound Controller with Surround & AGC
REJ03F0159-0140
Rev.1.4
Dec 06, 2005
Description
The R2S15903SP is an optimum audio signal processor IC for TV. It has a 5ch input selector, AGC, surround/pseudo
stereo, tone control(2band), output gain control and 2ch master volume. It can control all of these functions with I
2C
bus.
Features
• Volume: 0 to –89dB, –∞/ 1dB step. Each channel is independence control.
• 5 input selector + MUTE
• 2 Rec output (0/–2dB)
• Auto gain control (AGC level 4step)
• Tone control Bass: –15dB to +15dB/ 1dB step
Treble: –15dB to +15dB/ 1dB step
• Surround <Low/ High>/ Pseudo stereo
• Mode selector: Bypass/ Tone / Tone & Pseudo Stereo or Surround
• Output gain control: 0dB/ +4.5dB
• I2C-BUS control
Recommended Operating Condition
Supply voltage: VCC = 9.0V(typ)
Application
TV, Mini Stereo, etc.
System Configuration
ROUT
LOUT
I C-BUS I/F
IN R2
IN R3
REC R1
(IN R4)
SDA
R2S15903SP
Pseudo Stereo
and
Surround
Tone Control
(Bass / Treble)
Mode selector
Mode Selector
SCL
Volume L
Volume R
IN R1
REC R2
(IN R5)
IN L2
IN L1
REC L1
(IN L4)
IN L3
REC L2
(IN L5)
Output Gain
Control
Output Gain
Control
VCC=9V
AGC
2


Similar Part No. - R2S15903SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
More results

Similar Description - R2S15903SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
logo
Renesas Technology Corp
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
   Sound Controller With SRS Focus & SRS Surround
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com