Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0402F075-2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0402F075-2
Description  SF-0402F Series - Fast Acting Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0402F075-2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0402F075-2 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0402F075-2 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0402F075-2 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0402F075-2 Datasheet HTML 4Page - Bourns Electronic Solutions SF-0402F075-2 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SF-0402F Series - Fast Acting Surface Mount Fuses
SinglFuse™ SF-0402F Series Features
Fast acting thin film chip fuse for overcurrent protection
1005 (EIA 0402) miniature footprint
Surface mount packaging for automated assembly
UL 248-14 compliant
RoHS compliant* and halogen free**
Clearing Time Characteristics for Series
% of Current Rating
Clearing Time at 25 °C
Min.
Max.
100 %
4 hours
200 %
60 seconds
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Characteristics
Model
Rated Current
(A)
Resistance
(Ω) Typ.***
Rated
Voltage
Interrupting
Rating
Typical
I2t (A2s) ****
Certifications
cUL: E198545
SF-0402F0315-2
0.315
0.69
32 VDC
35 A @ 32 VDC
0.00203
SF-0402F050-2
0.50
0.34
0.00317
SF-0402F075-2
0.75
0.14
0.00402
SF-0402F080-2
0.80
0.10
0.00532
SF-0402F100-2
1.00
0.095
0.00724
SF-0402F125-2
1.25
0.057
0.01344
SF-0402F150-2
1.50
0.045
0.01356
SF-0402F160-2
1.60
0.044
0.01672
SF-0402F200-2
2.00
0.033
0.01983
SF-0402F250-2
2.50
0.025
0.03763
SF-0402F300-2
3.00
0.019
0.05427
SF-0402F315-2
3.15
0.018
0.06304
SF-0402F400-2
4.00
0.012
0.0896
***
Resistance measured with ≤10 % rated current at 25 °C ambient. Tolerance ± 25 %.
**** Melting I2t calculated at 10 times rated current.
Environmental Characteristics
Operating Temperature................................................................................................................................................................. -20 °C to +105 °C
Storage Conditions
Temperature ............................................................................................................................................................................... +5 °C to +35 °C
Humidity..........................................................................................................................................................................................40 % to 75 %
Shelf Life.......................................................................................................................................................... 2 years from manufacturing date
Moisture Sensitivity Level ....................................................................................................................................................................................... 1
ESD Classification (HBM)............................................................................................................................................................................. Class 6
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is
900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document,
and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer
and Reproductive Harm
www.P65Warnings.ca.gov
SELECTOR


Similar Part No. - SF-0402F075-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F075 BOURNS-SF-0402F075 Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-0402F075 BOURNS-SF-0402F075 Datasheet
425Kb / 4P
SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402F075 BOURNS-SF-0402F075 Datasheet
425Kb / 4P
SF-0402F Series - Fast Acting Surface Mount Fuses
More results

Similar Description - SF-0402F075-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
SF-0402F Series - Fast Acting Surface Mount Fuses
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0603FP-M BOURNS-SF-0603FP-M Datasheet
254Kb / 6P
SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com