Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0402F Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SF0402F
Description  SF-0402F Series - Fast Acting Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF0402F Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SF0402F Datasheet HTML 1Page - Bourns Electronic Solutions SF0402F Datasheet HTML 2Page - Bourns Electronic Solutions SF0402F Datasheet HTML 3Page - Bourns Electronic Solutions SF0402F Datasheet HTML 4Page - Bourns Electronic Solutions SF0402F Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SF-0402F Series - Fast Acting Surface Mount Fuses
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
REV. 04/21
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Reliability Testing
No.
Test
Requirement
Test Condition
1
Carrying Capacity
No fusing
Rated current, 4 hours
2
Fusing Time
Within 1 minute
200 % of its rated current
3
Interrupting Ability
No mechanical damages
After the fuse is interrupted, rated voltage applied
for 30 seconds again
4
Bending Test
No mechanical damages
Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
5
Resistance to Solder Heat
±20 %
260 °C ±5 °C,10 seconds ±1 second
6
Solderability
95 % coverage minimum
235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
7
Temperature Rise
<75 °
100 % of its rated current, measure of surface
temperature
8
Resistance to Dry Heat
±20 %
105 °C ±5 °C,1000 hours
9
Resistance to Solvent
No evident damage on protective coating
and marking
23 °C ±5 °C of isopropyl alcohol, 90 seconds
10
Residual Resistance
10k ohms or more
Measure DC resistance after fusing
11
Thermal Shock
ΔR < 10 %
-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles


Similar Part No. - SF0402F

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0400BA02375S ICST-SF0400BA02375S Datasheet
95Kb / 2P
   400 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
   400 MHz SAW Filter 55 MHz Bandwidth
logo
API Technologies Corp
SF0400BA02375S APITECH-SF0400BA02375S Datasheet
148Kb / 3P
   400 MHz SAW Filter 55 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0400BA02520S ICST-SF0400BA02520S Datasheet
95Kb / 2P
   400 MHz IF SAW Filter 160 KHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
   400 MHz SAW Filter 300 KHz bandwidth
More results

Similar Description - SF0402F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0603FP-M BOURNS-SF-0603FP-M Datasheet
254Kb / 6P
   SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com