Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FP-M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0603FP-M
Description  SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FP-M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0603FP-M Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 5Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SinglFuse™ SF-0603FP-M Series Applications
Operating Temperature................................................................................................................................................................ -55 °C to +125 °C
Storage Conditions
Temperature .............................................................................................................................................................................. +5 °C to +35 °C
Humidity......................................................................................................................................................................................... 40 % to 75 %
Shelf Life..........................................................................................................................................................2 years from manufacturing date
Moisture Sensitivity Level ...................................................................................................................................................................................... 1
ESD Classification (HBM)............................................................................................................................................................................ Class 6
Environmental Characteristics
Portable memory
LCD monitors
Disk drives
PDAs
Digital cameras
MP3 players
Cell phones
Rechargeable battery packs
Battery chargers
Set-top boxes
Industrial controllers
Battery Management Systems (BMS)
LED lighting
Power tools
SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Average Pre-Arcing Time vs. Current Curves
Average I2t vs. t Curves
1.25 A
1.50 A
3.00 A
3.50 A
1.75 A
4.00 A
4.50 A
5.00 A
2.00 A
2.50 A
0.75 A
1.00 A
0.50 A
10
1
0.1
0.01
0.001
0.0001
1
11
000
CURRENT (A)
1000
10000
100
10
1
0.1
0.01
0.001
0.0001
0.1
0.01
0.001
0.0001
1
10
TIME (SECONDS)
5.00 A
4.50 A
4.00 A
3.50 A
3.00 A
2.50 A
2.00 A
1.75 A
1.50 A
1.25 A
1.00 A
0.75 A
0.50 A


Similar Part No. - SF-0603FP-M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results

Similar Description - SF-0603FP-M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF0402F BOURNS-SF0402F Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com