Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FP-M Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # SF-0603FP-M
Description  SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FP-M Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  SF-0603FP-M Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 5Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Reliability Testing
No.
Test
Requirement
Test Condition
Test Reference
1
Soldering heat
resistance
DCR change ≤ ±10 %
No mechanical damage
One dip at 260 °C for 60 seconds
MIL-STD-202
Method 210
2
Solderability
Minimum 95 % coverage
One dip at 245 °C for 5 seconds
MIL-STD-202
Method 208
3
Thermal shock
DCR change ≤ ±10 %
No mechanical damage
100 cycles between -65 °C and +125 °C
MIL-STD-202
Method 107
4
Moisture resistance
DCR change ≤ ±15 %
No excessive corrosion
10 cycles
MIL-STD-202
Method 106
5
Salt spray
DCR change ≤ ±10 %
No excessive corrosion
48 hour exposure, 5 % salt solution
MIL-STD-202
Method 101
6
Mechanical vibration
DCR change ≤ ±10 %
No mechanical damage
0.4 inch D.A. or 30 G between
5-3000 Hz
MIL-STD-202
Method 204
7
Mechanical shock
DCR change ≤ ±10 %
No mechanical damage
1500 G, 0.5 ms, half-sine shocks
MIL-STD-202
Method 213
8
Life
No electrical “opens” during testing
Voltage drop change shall be less
than ±20 % of initial value
80 % rated current (75 % for < 1 A fuses)
for 2000 hours at ambient temperature
between +20 °C and +30 °C
Refer to STP
document
REV. D 03/21


Similar Part No. - SF-0603FP-M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results

Similar Description - SF-0603FP-M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF0402F BOURNS-SF0402F Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com