Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FP-M Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SF-0603FP-M
Description  SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FP-M Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SF-0603FP-M Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 5Page - Bourns Electronic Solutions SF-0603FP-M Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
Solder Reflow Recommendations
Profile Feature
Pb-Free Assembly
Preheat / Soak:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150 °C
200 °C
60~120 seconds
Ramp Up Rate (TL to Tp)
3 °C / second max.
Liquidous Temperature (TL)
Time (tL) maintained above TL
217 °C
60~150 seconds
Peak Package Body
Temperature (Tp)
260 °C
Time (tp)* within 5 °C of the
specified classification temperature
(Tc)
30 seconds*
Ramp Down Rate (Tp to TL)
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
TIME
tL
TIME 25 °C TO PEAK
tp
ts
Tsmax
Tsmin
Tp
TL
25
Tc -5 °C
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/s
MAX. RAMP DOWN RATE = 6 °C/s
* Tolerance for peak profile temperature (Tp ) is defined as a
supplier minimum and a user maximum.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
260
150
10 sec. max.
PREHEATING
120 seconds
TIME
Recommended Temperature Profile for Wave Soldering
Wave soldering is suitable for 0603 size models.


Similar Part No. - SF-0603FP-M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results

Similar Description - SF-0603FP-M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF0402F BOURNS-SF0402F Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com