Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN4216 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN4216
Description  Silicon NPN epitaxial planer transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN4216 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN4216 Datasheet HTML 1Page - Panasonic Semiconductor UN4216 Datasheet HTML 2Page - Panasonic Semiconductor UN4216 Datasheet HTML 3Page - Panasonic Semiconductor UN4216 Datasheet HTML 4Page - Panasonic Semiconductor UN4216 Datasheet HTML 5Page - Panasonic Semiconductor UN4216 Datasheet HTML 6Page - Panasonic Semiconductor UN4216 Datasheet HTML 7Page - Panasonic Semiconductor UN4216 Datasheet HTML 8Page - Panasonic Semiconductor UN4216 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Transistors with built-in Resistor
UN4211/4212/4213/4214/4215/4216/4217/
4218/4219/4210/421D/421E/421F/421K/421L
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = 50V, IE = 0
0.1
µA
ICEO
VCE = 50V, IB = 0
0.5
µA
UN4211
0.5
UN4212/4214/421E/421D
0.2
UN4213
0.1
UN4215/4216/4217/4210
IEBO
VEB = 6V, IC = 0
0.01
mA
UN421F/421K
1.0
UN4219
1.5
UN4218/421L
2.0
Collector to base voltage
VCBO
IC = 10µA, IE = 0
50
V
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
50
V
UN4211
35
UN4212/421E
60
UN4213/4214
hFE
VCE = 10V, IC = 5mA
80
UN4215*/4216*/4217*/4210*
160
460
UN421F/421D/4219
30
UN4218/421K/421L
20
Collector to emitter saturation voltage
VCE(sat)
IC = 10mA, IB = 0.3mA
0.25
V
Output voltage high level
VOH
VCC = 5V, VB = 0.5V, RL = 1kΩ
4.9
V
Output voltage low level
VCC = 5V, VB = 2.5V, RL = 1kΩ
0.2
UN4213/421K
VOL
VCC = 5V, VB = 3.5V, RL = 1kΩ
0.2
V
UN421D
VCC = 5V, VB = 10V, RL = 1kΩ
0.2
UN421E
VCC = 5V, VB = 6V, RL = 1kΩ
0.2
Transition frequency
fT
VCB = 10V, IE = –2mA, f = 200MHz
150
MHz
UN4211/4214/4215/421K
10
UN4212/4217
22
UN4213/421D/421E/4210
R1
(–30%)
47
(+30%)
k
UN4216/421F/421L
4.7
UN4218
0.51
UN4219
1
UN4211/4212/4213/421L
0.8
1.0
1.2
UN4214
0.17
0.21
0.25
UN4218/4219
0.08
0.1
0.12
UN421D
R1/R2
3.7
4.7
5.7
UN421E
1.7
2.14
2.6
UN421F
0.37
0.47
0.57
UN421K
1.7
2.13
2.6
Emitter
cutoff
current
Forward
current
transfer
ratio
Input
resis-
tance
Resis-
tance
ratio
* hFE rank classification (UN4215/4216/4217/4210)
Rank
Q
R
S
hFE
160 to 260
210 to 340
290 to 460


Similar Part No. - UN4216

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN4221 PANASONIC-UN4221 Datasheet
62Kb / 4P
   Silicon NPN epitaxial planer transistor
UN4222 PANASONIC-UN4222 Datasheet
62Kb / 4P
   Silicon NPN epitaxial planer transistor
UN4223 PANASONIC-UN4223 Datasheet
62Kb / 4P
   Silicon NPN epitaxial planer transistor
UN4224 PANASONIC-UN4224 Datasheet
62Kb / 4P
   Silicon NPN epitaxial planer transistor
More results

Similar Description - UN4216

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com