Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM3Z232BS Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FRM3Z232BS
Description  InGaAs-PIN/Preamp Preamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FRM3Z232BS Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FRM3Z232BS Datasheet HTML 1Page - Eudyna Devices Inc FRM3Z232BS Datasheet HTML 2Page - Eudyna Devices Inc FRM3Z232BS Datasheet HTML 3Page - Eudyna Devices Inc FRM3Z232BS Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
• 2.7Gb/s PIN Receiver module in an industry
standard mini-DIL package is available in gull-wing
or through-hole configuration
• High Sensitivity: -25dBm (typ.)
• Differential Electrical Output
• Pre-amplifier Power Supply Voltage: +3.3V
• Wide operating temperature range: -40 to +85°C
APPLICATIONS
This PIN detector preamp is intended to function as an optical receiver in
intermediate reach SONET, SDH, and DWDM systems operating up to 2.7Gb/s.
The device operates in both the 1,310 and 1,550nm wavelength windows.
The detector preamplifier has a differential electrical output.
DESCRIPTION
This PIN preamplifier uses an InGaAs PIN chip with a GaAs transimpedance preamplifier.
The BS package is designed for surface mount PC board assembly, and the BS-A is designed for
through-hole mount assembly. The package is connected with a single-mode fiber by Nd: YAG welding
techniques. This device is in compliance with ITU-T recommendations and meet the Telcordia require-
ments.
Edition 1.2
March 2003
1
InGaAs-PIN/Preamp
Receiver
FRM3Z232BS/BS-A
Parameter
Storage Temperature
Operating Temperature
Supply Voltage
PIN-PD Reverse Voltage
Symbol
Tstg
-40 to +85
-40 to +85
0 to 4.5
0 to 20
V
V
°C
°C
Top
VDD
VR
PIN-PD Reverse Current
3.0
mA
IR (Peak)
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25°C, unless otherwise specified)


Similar Part No. - FRM3Z232BS

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z232LY EUDYNA-FRM3Z232LY Datasheet
224Kb / 4P
   InGaAs-PIN/Preamp Receiver
More results

Similar Description - FRM3Z232BS

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z232LY EUDYNA-FRM3Z232LY Datasheet
224Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM5J141GW EUDYNA-FRM5J141GW Datasheet
308Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z121KT EUDYNA-FRM3Z121KT Datasheet
121Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM5J142GW EUDYNA-FRM5J142GW Datasheet
315Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
List of Unclassifed Man...
FRM3Z621KT ETC1-FRM3Z621KT Datasheet
278Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
Hamamatsu Corporation
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
   InGaAs PIN photodiode with preamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com