Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5805X Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FMM5805X
Description  17.5-20GHz Power Amplifier MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5805X Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FMM5805X Datasheet HTML 1Page - Eudyna Devices Inc FMM5805X Datasheet HTML 2Page - Eudyna Devices Inc FMM5805X Datasheet HTML 3Page - Eudyna Devices Inc FMM5805X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FMM5805X
17.5-20GHz Power Amplifier MMIC
4
For further information please contact:
FUJITSU COMPOUND SEMICONDUCTOR, INC.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
Phone: (408) 232-9500
FAX: (408) 428-9111
www.fcsi.fujitsu.com
FUJITSU MICROELECTRONICS, LTD.
Compound Semiconductor Division
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
Phone:+44 (0)1628 504800
FAX:+44 (0)1628 504888
Fujitsu Limited reserves the right to change products and specifications without notice.
The information does not convey any license under rights of Fujitsu Limited or others.
© 1999 FUJITSU COMPOUND SEMICONDUCTOR, INC.
Printed in U.S.A. FCSI0699M200
CHIP OUTLINE
Unit: µm
0
3470
Chip Size: 3.47±30µm x 2.63±30µm
VGG1, VGG2: One bonding is available
Chip Thickness: 70±20µm
Pad Dimensions: 1. DC 80µm x 80µm
2. RF 120µm x 80µm
1115
2250
2520
2630
0
0
RFin
RFout
0
VDD5
2940
VGG2
2210
110
VDD3
VGG2
110
170
VGG1
110
VDD1 VGG1
680
VDD2
1160
VGG1
2210
1315
2395
2460
235
VDD4
3360
2940
710
1160
710
Fujitsu Compound Semiconductor Products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.


Similar Part No. - FMM5805X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
More results

Similar Description - FMM5805X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
17.5-31.5GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Excelics Semiconductor,...
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
RFMA1720-1W EXCELICS-RFMA1720-1W Datasheet
91Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com