Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5805X Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FMM5805X
Description  17.5-20GHz Power Amplifier MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5805X Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FMM5805X Datasheet HTML 1Page - Eudyna Devices Inc FMM5805X Datasheet HTML 2Page - Eudyna Devices Inc FMM5805X Datasheet HTML 3Page - Eudyna Devices Inc FMM5805X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RF in
VGG1
VDD2
VDD4
VDD1
RFout
VDD3
VDD5
VGG2
FMM5805X
17.5-20GHz Power Amplifier MMIC
3
S-PARAMETERS
VDD = 6V, IDS = 650mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
14000
.672
144.5
3.454
165.4
.006
-90.6
.821
114.2
14500
.596
138.7
4.871
134.6
.006
-84.4
.754
102.2
15000
.502
133.1
7.047
106.3
.006
-90.4
.659
87.0
15500
.402
132.5
7.936
68.9
.008
-101.5
.536
67.3
16000
.297
136.1
11.029
28.2
.007
-95.3
.399
34.4
16500
.225
147.8
12.663
-13.5
.007
-96.5
.316
-19.3
17000
.212
169.1
12.727
-58.7
.008
-93.8
.357
-77.0
17500
.256
-172.7
12.061
-97.8
.008
-90.3
.471
-117.9
18000
.321
-169.9
11.271
-133.1
.009
-92.5
.555
-144.7
18500
.364
-169.8
10.470
-167.0
.010
-92.2
.585
-163.0
19000
.405
-172.0
10.272
159.4
.010
-100.8
.578
-178.4
19500
.440
-179.7
9.732
129.4
.010
-109.5
.533
170.5
20000
.458
173.4
9.580
92.7
.009
-107.3
.471
162.5
20500
.431
161.5
9.979
55.9
.007
-115.9
.388
156.4
21000
.328
145.7
10.109
14.0
.007
-110.0
.325
156.3
21500
.116
138.9
9.421
-36.9
.006
-91.9
.282
158.9
22000
.209
-112.3
7.116
-92.0
.007
-84.0
.224
165.0
22500
.457
-133.3
4.684
-139.4
.009
-73.9
.186
178.1
23000
.598
-154.3
2.873
176.7
.011
-77.9
.162
-165.7
BONDING LAYOUT
Download S-Parameters, click here


Similar Part No. - FMM5805X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
More results

Similar Description - FMM5805X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
17.5-31.5GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Excelics Semiconductor,...
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
RFMA1720-1W EXCELICS-RFMA1720-1W Datasheet
91Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com