Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5805X Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FMM5805X
Description  17.5-20GHz Power Amplifier MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5805X Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FMM5805X Datasheet HTML 1Page - Eudyna Devices Inc FMM5805X Datasheet HTML 2Page - Eudyna Devices Inc FMM5805X Datasheet HTML 3Page - Eudyna Devices Inc FMM5805X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FMM5805X
17.5-20GHz Power Amplifier MMIC
2
OUTPUT POWER vs. IMD
18
14
12
30
16
20
22
24
26
28
-60
-65
-55
-50
-45
-40
-35
-30
-25
-20
-15
Total Output Power (dBm)
VDD = 6V
IDD = 650mA
18GHz IM3
20GHz IM3
18GHz IM5
20GHz IM5
P1dB, G1dB vs. FREQUENCY
17.5
17
18 18.5 19 19.5 20 20.5 21
18
20
22
24
26
28
30
32
34
Frequency (GHz)
VDD = 6V
IDD = 650mA
P1dB
G1dB
220pF
220pF
220pF
220pF
VDD
RFout
0.15µF
VGG
0.15µF
VGG
0.15µF
RFin
VDD
0.15µF
Gap to be minimized at the output
ASSEMBLY DRAWING


Similar Part No. - FMM5805X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
More results

Similar Description - FMM5805X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
17.5-31.5GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Excelics Semiconductor,...
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
RFMA1720-1W EXCELICS-RFMA1720-1W Datasheet
91Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com