Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3203 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSDL-3203
Description  Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3203 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3203 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3203 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3203 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3203 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3203 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3203 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3203 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3203 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3203 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Package Outline with Dimensions
Figure 8. LOP vs. ILED.
Figure 9. VLED vs. LED current.
Figure 10. Package outline dimensions.
;
2.85
MOUNTING
CENTER
4.0
1.025
UNIT: mm
TOLERANCE: ± 0.2mm
CL
1.95
4.0
8.0
2.05
2.55
EMITTER
RECEIVER
0.35
0.65
0.80
CL
3.325
P0.95 x 7 = 6.65
0.6
3.0
3.1
1.85
;;
;
;
;;
;
;
;;
0.96
1
2
3
4
5
6
7
8
5
1 CX
RXD
6
2 SD
VCC
7
3 AGND
TXD
8
4 GND
LEDA
COPLANARITY:
± 0.1 mm
40
ILED_A (A)
15
100.0E-3
0
5
000.0E+0
300.0E-3
25
30
20
10
RADIANT INTENSITY vs ILED_A,
TEMPERATURE = 25°C
35
200.0E-3
2.2
ILED_A (A)
1.4
100.0E-3
1.0
000.0E+0
300.0E-3
1.8
1.6
1.2
VLED_A vs ILED_A,
TEMPERATURE = 25°C
2.0
200.0E-3


Similar Part No. - HSDL-3203

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203-021 AVAGO-HSDL-3203-021 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com