Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAK-I Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # PAK-I
Description  310 Ivy Glen Court
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-I Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button PAK-I Datasheet HTML 20Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 21Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 22Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 23Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 24Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 25Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 26Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 27Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Ambient temperature under bias
-55°C to +125°
C
Storage temperature
-65°C to +150°
C
Voltage on VDD with respect to VSS
-0.3 to +7.5V
Total power dissipation (1)
800 mW
Maximum current out of VSS pin
150 mA
Maximum current into VDD pin
100 mA
Maximum output current sunk by any I/O
pin
25 mA
Maximum output current sourced by any I/
O pin
20 mA
Maximum current sunk by B0-B7
150 mA
Maximum current sourced by B0-B7
100 mA
DC Characteristics (at 10MHz)
Notes
When configured as inputs, all of the general-
purpose I/O pins have weak pull up resistors
(about 20K) internally configured.


Similar Part No. - PAK-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
PAK-IV ETC1-PAK-IV Datasheet
123Kb / 14P
   Using the PAK-IV I/O Coprocessor
More results

Similar Description - PAK-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
   310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
   310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
logo
Bel Fuse Inc.
SS-7388H66S-PG3-AD BEL-SS-7388H66S-PG3-AD Datasheet
222Kb / 2P
   R.D. 2, BOX 2020 GLEN ROCK, PENNSYLVANIA 17327
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
   VPP16-310
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
   VIM-310
logo
List of Unclassifed Man...
OSD070TN84 ETC2-OSD070TN84 Datasheet
979Kb / 27P
   310 Genius Drive
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
   310 mAmps, 60 Volts
logo
List of Unclassifed Man...
EASYBOARD-882E ETC2-EASYBOARD-882E Datasheet
1Mb / 2P
   Wide-Range Temperature 3.5" Intel짰 Ivy Bridge i7-3517UE Compact Board
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com