Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAK-I Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # PAK-I
Description  310 Ivy Glen Court
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-I Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button PAK-I Datasheet HTML 15Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 16Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 17Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 18Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 19Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 20Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 21Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 22Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Typical Circuits and Software
Connecting the Pak-I to its external components is
simple. Supply 5V to Vdd and ground the Vss pin.
Connect the two outer pins of the ceramic
resonator to the RES1 and RES2 pins (the order
does not matter). Ground the center pin of the
resonator. Connect the RESET pin to 5V. For the
simplest mode of operation connect the ENABLE/
BUSY pin to 5V and the BUSY/MODE pin to 5V
through a pull up resistor (10K-22K). Of course,
you'll also need to make connections to the host
microprocessor. You may also want to make
different connections to ENABLE/BUSY and
BUSY/MODE if you want to use different
methods of synchronizing.
Example 1. Connections to Stamp or similar host


Similar Part No. - PAK-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
PAK-IV ETC1-PAK-IV Datasheet
123Kb / 14P
   Using the PAK-IV I/O Coprocessor
More results

Similar Description - PAK-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
   310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
   310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
logo
Bel Fuse Inc.
SS-7388H66S-PG3-AD BEL-SS-7388H66S-PG3-AD Datasheet
222Kb / 2P
   R.D. 2, BOX 2020 GLEN ROCK, PENNSYLVANIA 17327
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
   VPP16-310
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
   VIM-310
logo
List of Unclassifed Man...
OSD070TN84 ETC2-OSD070TN84 Datasheet
979Kb / 27P
   310 Genius Drive
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
   310 mAmps, 60 Volts
logo
List of Unclassifed Man...
EASYBOARD-882E ETC2-EASYBOARD-882E Datasheet
1Mb / 2P
   Wide-Range Temperature 3.5" Intel짰 Ivy Bridge i7-3517UE Compact Board
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com