Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAK-I Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PAK-I
Description  310 Ivy Glen Court
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-I Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PAK-I Datasheet HTML 8Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 9Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 10Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 11Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 12Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 13Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 14Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 15Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
directly to +5V.
If you ground the Busy/Mode input at start up, the
device will also use the Enable/Busy pin to tell
you when it is unavailable. It does this by driving
the line low when it is not ready. That means the
host must drive the pin with an open collector
output if it wants to disable the device. If you don't
need to disable the device, you can just connect the
pin to a pull up resistor and connect the Enable/
Busy pin to an input on the host.
If you want to use a normal output to drive the
Enable/Busy pin, but you still want a busy
indication, you can connect the Busy/Mode pin to
5V through a pull up resistor. Then the Pak I will
use the Busy/Mode pin to signify it is busy (the pin
is high when busy). In this case, the Enable/Busy
pin is always an input and you can drive it
normally.
Many commands have an alternate form. These
commands are the ones that return the floating
point error flags on completion. Using the alternate
form suppresses the status return value.
One thing to note about the status returns. All of
the commands that take any significant amount of
time will return zeros in the top bit of the response.
You can use this as a form of busy indication if
you are unwilling to use any other pins. Simply
read the data pin until it reads zero. This indicates
that the device is sending the response. The


Similar Part No. - PAK-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
PAK-IV ETC1-PAK-IV Datasheet
123Kb / 14P
   Using the PAK-IV I/O Coprocessor
More results

Similar Description - PAK-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
   310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
   310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
logo
Bel Fuse Inc.
SS-7388H66S-PG3-AD BEL-SS-7388H66S-PG3-AD Datasheet
222Kb / 2P
   R.D. 2, BOX 2020 GLEN ROCK, PENNSYLVANIA 17327
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
   VPP16-310
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
   VIM-310
logo
List of Unclassifed Man...
OSD070TN84 ETC2-OSD070TN84 Datasheet
979Kb / 27P
   310 Genius Drive
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
   310 mAmps, 60 Volts
logo
List of Unclassifed Man...
EASYBOARD-882E ETC2-EASYBOARD-882E Datasheet
1Mb / 2P
   Wide-Range Temperature 3.5" Intel짰 Ivy Bridge i7-3517UE Compact Board
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com