Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHX13X Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FHX13X
Description  GaAs FET & HEMT Chips
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX13X Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FHX13X Datasheet HTML 1Page - Eudyna Devices Inc FHX13X Datasheet HTML 2Page - Eudyna Devices Inc FHX13X Datasheet HTML 3Page - Eudyna Devices Inc FHX13X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For further information please contact:
FUJITSU COMPOUND SEMICONDUCTOR, INC.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
Phone: (408) 232-9500
FAX: (408) 428-9111
www.fcsi.fujitsu.com
FUJITSU MICROELECTRONICS, LTD.
Compound Semiconductor Division
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
Phone:+44 (0)1628 504800
FAX:+44 (0)1628 504888
Fujitsu Limited reserves the right to change products and specifications without notice.
The information does not convey any license under rights of Fujitsu Limited or others.
© 1998 FUJITSU COMPOUND SEMICONDUCTOR, INC.
Printed in U.S.A. FCSI0598M200
Fujitsu Compound Semiconductor Products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not put these products into the mouth.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.
4
CHIP OUTLINE
(Unit:
µm)
96
60
96
450
±20
44
44
Die Thickness:
100
±20µm
FHX13X, FHX14X
GaAs FET & HEMT Chips
SuperHEMT
TM
is a trademark of Fujitsu Limited.


Similar Part No. - FHX13X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FHX13LG EUDYNA-FHX13LG Datasheet
89Kb / 6P
Super Low Noise HEMT
More results

Similar Description - FHX13X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLK207XV EUDYNA-FLK207XV Datasheet
70Kb / 4P
GaAs FET & HEMT Chips
FLC087XP EUDYNA-FLC087XP Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FLK057XV EUDYNA-FLK057XV Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FLK017XP EUDYNA-FLK017XP Datasheet
59Kb / 4P
GaAs FET & HEMT Chips
FLK107XV EUDYNA-FLK107XV Datasheet
63Kb / 4P
GaAs FET & HEMT Chips
FSX017X EUDYNA-FSX017X Datasheet
89Kb / 4P
GaAs FET & HEMT Chips
FLK027XP EUDYNA-FLK027XP Datasheet
97Kb / 4P
GaAs FET & HEMT Chips
FLX257XV EUDYNA-FLX257XV Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FLC157XP EUDYNA-FLC157XP Datasheet
60Kb / 4P
GaAs FET & HEMT Chips
FHX04X EUDYNA-FHX04X Datasheet
56Kb / 4P
GaAs FET & HEMT Chips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com