Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0601720B Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # F0601720B
Description  High Speed GaAs LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0601720B Datasheet(HTML) 1 Page - Eudyna Devices Inc

  F0601720B Datasheet HTML 1Page - Eudyna Devices Inc F0601720B Datasheet HTML 2Page - Eudyna Devices Inc F0601720B Datasheet HTML 3Page - Eudyna Devices Inc F0601720B Datasheet HTML 4Page - Eudyna Devices Inc F0601720B Datasheet HTML 5Page - Eudyna Devices Inc F0601720B Datasheet HTML 6Page - Eudyna Devices Inc F0601720B Datasheet HTML 7Page - Eudyna Devices Inc F0601720B Datasheet HTML 8Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
• high speed operation DC ~ 266 Mb/s NRZ
• Differential ECL compatible interface
• 5.0 V single power supply
• Pulse distortion control 0 ~ 350 psec
Applications
• LED driver of an optical transmitter circuit up to
266 Mb/s
Functional Description
The F0601720B is a high performance GaAs LED driver IC applying in an optical trans-
mitter module up to 266 Mb/s NRZ data rate. The F0601720B specifies the rise time and the
fall time of 600 psec (10%-90%) typically. It features the single 5.0 V supply operation.
01.08.28
GaAs LED Driver
High Speed
F0601720B


Similar Part No. - F0601720B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0601720Q EUDYNA-F0601720Q Datasheet
461Kb / 9P
   High Speed GaAs LED Driver
More results

Similar Description - F0601720B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0601720Q EUDYNA-F0601720Q Datasheet
461Kb / 9P
   High Speed GaAs LED Driver
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
logo
List of Unclassifed Man...
TRR-8A33 ETC1-TRR-8A33 Datasheet
63Kb / 1P
   Connectorized High-speed GaAs PIN
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Texas Instruments
UC1705 TI1-UC1705_15 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
logo
Analog Devices
ADN4663 AD-ADN4663 Datasheet
249Kb / 12P
   High Speed Differential Driver
REV. 0
logo
Advanced Power Technolo...
DRF100 ADPOW-DRF100 Datasheet
2Mb / 12P
   High Speed MOSFET Driver
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com