Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8440 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # SI8440
Description  QUAD-CHANNEL DIGITAL ISOLATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8440 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button SI8440 Datasheet HTML 12Page - Silicon Laboratories SI8440 Datasheet HTML 13Page - Silicon Laboratories SI8440 Datasheet HTML 14Page - Silicon Laboratories SI8440 Datasheet HTML 15Page - Silicon Laboratories SI8440 Datasheet HTML 16Page - Silicon Laboratories SI8440 Datasheet HTML 17Page - Silicon Laboratories SI8440 Datasheet HTML 18Page - Silicon Laboratories SI8440 Datasheet HTML 19Page - Silicon Laboratories SI8440 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Si8440/1/2
16
Rev. 0.3
4. Layout Recommendations
Dielectric isolation is a set of specifications produced by
the safety regulatory agencies from around the world
that describes the physical construction of electrical
equipment that derives power from a high-voltage
power system such as 100–240 VAC systems or
industrial power systems. The dielectric test (or HIPOT
test) given in the safety specifications places a very high
voltage between the input power pins of a product and
the user circuits and the user touchable surfaces of the
product. For the IEC relating to products deriving their
power from the 220–240 V power grids, the test voltage
is 2500 VAC (or 3750 VDC—the peak equivalent
voltage).
There are two terms described in the safety
specifications:
Creepage—the distance along the insulating surface
an arc may travel.
Clearance—the distance through the shortest path
through air that an arc may travel.
Figure 14 illustrates the accepted method of providing
the proper creepage distance along the surface. For a
220–240 V application, this distance is 8 mm and the
wide body SOIC package must be used. There must be
no copper traces within this 8 mm exclusion area, and
the surface should have a conformal coating such as
solder resist. The digital isolator chip must straddle this
exclusion area.
Figure 14. Creepage Distance
4.1. Supply Bypass
The Si8440 requires a 0.1 µF bypass capacitor between
VDD1 and GND1 and VDD2 and GND2. The capacitor
should be placed as close as possible to the package.
4.2. Input and Output Characteristics
The Si8440 inputs and outputs are standard CMOS
drivers/receivers.
4.3. Enable Inputs
The receiver output drivers are enabled when the
Enable input is high and the drivers remain in a high-
impedance state when Enable is low. The Enable input
can be used for multiplexing or as a clock sync input.
Supply currents remain at their nominal values when
Enable is low. The Enable inputs must be tied to a logic
level.


Similar Part No. - SI8440

ManufacturerPart #DatasheetDescription
logo
Silicon image
Si8440 SILICONIMAGE-Si8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8440 ETC2-SI8440 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8440 SKYWORKS-SI8440 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
SI8440AA-C-IS1 SKYWORKS-SI8440AA-C-IS1 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
More results

Similar Description - SI8440

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com