Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8440 Datasheet(PDF) 15 Page - Silicon Laboratories

Part # SI8440
Description  QUAD-CHANNEL DIGITAL ISOLATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8440 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button SI8440 Datasheet HTML 11Page - Silicon Laboratories SI8440 Datasheet HTML 12Page - Silicon Laboratories SI8440 Datasheet HTML 13Page - Silicon Laboratories SI8440 Datasheet HTML 14Page - Silicon Laboratories SI8440 Datasheet HTML 15Page - Silicon Laboratories SI8440 Datasheet HTML 16Page - Silicon Laboratories SI8440 Datasheet HTML 17Page - Silicon Laboratories SI8440 Datasheet HTML 18Page - Silicon Laboratories SI8440 Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Si8440/1/2
Rev. 0.3
15
3. Application Information
3.1. Theory of Operation
The operation of an Si8440 channel is analogous to that of an opto coupler, except an RF carrier is modulated
instead of light. This simple architecture provides a robust isolated data path and requires no special
considerations or initialization at start-up. A simplified block diagram for a single Si8440 channel is shown in
Figure 12. A channel consists of an RF transmitter and receiver separated by a transformer.
Referring to the transmitter, input A modulates the carrier provided by an RF oscillator using on/off keying and
applies the resulting waveform to the primary of the transformer. The receiver contains a demodulator that decodes
the input state according to its RF energy content and applies the result to output B via the output driver.
3.2. Eye Diagram
Figure 13 illustrates an eye-diagram taken on an Si8440-IS. The test used an Anritsu (MP1763C) Pulse Pattern
Generator for the data source. The output of the generator's clock and data from an Si8440-IS were captured on an
oscilloscope. The results illustrate that data integrity was maintained even at the high data rate of 150 Mbps. The
results also show that very low pulse width distortion and very little jitter were exhibited.
Figure 12. Simplified Channel Diagram
Figure 13. Eye Diagram
TRANSMITTER
RECEIVER
RF
OSCILLATOR
MODULATOR
DEMODULATOR
A
B


Similar Part No. - SI8440

ManufacturerPart #DatasheetDescription
logo
Silicon image
Si8440 SILICONIMAGE-Si8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8440 ETC2-SI8440 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8440 SKYWORKS-SI8440 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
SI8440AA-C-IS1 SKYWORKS-SI8440AA-C-IS1 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
More results

Similar Description - SI8440

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com