Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8440 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # SI8440
Description  QUAD-CHANNEL DIGITAL ISOLATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8440 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button SI8440 Datasheet HTML 8Page - Silicon Laboratories SI8440 Datasheet HTML 9Page - Silicon Laboratories SI8440 Datasheet HTML 10Page - Silicon Laboratories SI8440 Datasheet HTML 11Page - Silicon Laboratories SI8440 Datasheet HTML 12Page - Silicon Laboratories SI8440 Datasheet HTML 13Page - Silicon Laboratories SI8440 Datasheet HTML 14Page - Silicon Laboratories SI8440 Datasheet HTML 15Page - Silicon Laboratories SI8440 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Si8440/1/2
12
Rev. 0.3
Figure 3. Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2
Table 9. DIN EN 60747-5-2 (VDE 0884 Part 2) Insulation Characteristics1,2
Description
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltages < 150 VRMS
For Rated Mains Voltages < 300 VRMS
For Rated Mains Voltages < 400 VRMS
I-IV
I-III
I-II
Climatic Classification
40/125/21
Pollution Degree (DIN VDE 0110, Table 1)
2
Maximum Working Insulation Voltage
VIORM
560
VPEAK
Input to Output Test Voltage, Method b1
(VIORM x 1.875 = VPR, 100% Production Test, tm = 1 sec, Partial Dis-
charge < 5 pC)
VPR
1050
VPEAK
Input to Output Test Voltage, Method a
After Environmental Tests Subgroup 1
(VIORM x1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC)
After Input and/or Safety Test Subgroup 2/3
(VIORM x1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC)
VPR
896
672
VPEAK
VPEAK
Highest Allowable Overvoltage (Transient Overvoltage, tTR = 10 sec)
VTR
4000
VPEAK
Safety-Limiting Values (Maximum value allowed in the event of a failure;
also see the thermal derating curve, Figure 3)
Case Temperature
Side 1 Current
Side 2 Current
TS
IS1
IS2
150
265
335
ºC
mA
mA
Insulation Resistance at TS, VIO = 500 V
RS
>109
Notes:
1. This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data is
ensured by protective circuits.
2. The * marking on packages denotes DIN EN 60747-5-2 approval for 560 V peak working voltage.
0
200
150
100
50
300
250
200
150
100
50
0
350
Case Temperature (ºC)
SIDE #1
SIDE #2


Similar Part No. - SI8440

ManufacturerPart #DatasheetDescription
logo
Silicon image
Si8440 SILICONIMAGE-Si8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8440 ETC2-SI8440 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8440 SKYWORKS-SI8440 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
SI8440AA-C-IS1 SKYWORKS-SI8440AA-C-IS1 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
More results

Similar Description - SI8440

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com