Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8440 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI8440
Description  QUAD-CHANNEL DIGITAL ISOLATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8440 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI8440 Datasheet HTML 6Page - Silicon Laboratories SI8440 Datasheet HTML 7Page - Silicon Laboratories SI8440 Datasheet HTML 8Page - Silicon Laboratories SI8440 Datasheet HTML 9Page - Silicon Laboratories SI8440 Datasheet HTML 10Page - Silicon Laboratories SI8440 Datasheet HTML 11Page - Silicon Laboratories SI8440 Datasheet HTML 12Page - Silicon Laboratories SI8440 Datasheet HTML 13Page - Silicon Laboratories SI8440 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Si8440/1/2
10
Rev. 0.3
Table 4. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Operating Temperature*
TA
100 Mbps, 15 pF, 5 V
–40
25
125
ºC
150 Mbps, 15 pF, 5 V
0
25
100
ºC
Supply Voltage
VDD1
2.375
5.5
V
VDD2
2.375
5.5
V
*Note: The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels,
and supply voltage.
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Storage Temperature
TSTG
–65
150
ºC
Ambient Temperature Under Bias
TA
–40
125
ºC
Supply Voltage
VDD1, VDD2
–0.5
6
V
Input Voltage
VI
–0.5
VDD + 0.5
V
Output Voltage
VO
–0.5
VDD + 0.5
V
Output Current Drive Channel
LO
——
10
mA
Lead Solder Temperature (10s)
260
ºC
Maximum Isolation Voltage
4000
VDC
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 6. Package Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Resistance (Input-Output)1
RIO
—1012
Capacitance (Input-Output)1
CIO
f=1MHz
1.4
pF
Input Capacitance2
CI
—4.0
pF
IC Junction-to-Case Thermal Resistance,
Side 1
θJCI
Thermocouple
located at center of
package underside
—33
ºC/W
IC Junction-to-Case Thermal Resistance,
Side 2
θJCO
—28
ºC/W
Notes:
1. Device considered a 2-terminal device; Pins 1– 8 shorted together and pins 9–16 shorted together.
2. Input capacitance is from any input data pin to ground.


Similar Part No. - SI8440

ManufacturerPart #DatasheetDescription
logo
Silicon image
Si8440 SILICONIMAGE-Si8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8440 ETC2-SI8440 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8440 SKYWORKS-SI8440 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
SI8440AA-C-IS1 SKYWORKS-SI8440AA-C-IS1 Datasheet
1Mb / 36P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
August 11, 2021
More results

Similar Description - SI8440

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com