Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT138F-600 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # BT138F-600
Description  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

BT138F-600 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  BT138F-600 Datasheet HTML 1Page - SemiWell Semiconductor BT138F-600 Datasheet HTML 2Page - SemiWell Semiconductor BT138F-600 Datasheet HTML 3Page - SemiWell Semiconductor BT138F-600 Datasheet HTML 4Page - SemiWell Semiconductor BT138F-600 Datasheet HTML 5Page - SemiWell Semiconductor BT138F-600 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.S On-State Current
TC = 58 °C
12
A
ITSM
Surge On-State Current
One Cycle, 50Hz/60Hz, Peak,
Non-Repetitive
100/110
A
I2t
I2t for fusing
t =10ms
50
A2s
PGM
Peak Gate Power Dissipation
5.0
W
PG(AV)
Average Gate Power Dissipation
Over any 20ms period
0.5
W
IGM
Peak Gate Current
2.0
A
VGM
Peak Gate Voltage
10
V
VISO
Isolation Breakdown Voltage(R.M.S.)
A.C. 1 minute
1500
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
Mass
2.0
g
BT138F-600
Jan, 2004. Rev. 0
Features
◆ Repetitive Peak Off-State Voltage : 600V
◆ R.M.S On-State Current ( IT(RMS)= 12 A )
◆ High Commutation dv/dt
◆ Isolation Voltage ( V
ISO = 1500V AC )
General Description
This device is fully isolated package suitable for AC switching
application, phase control application such as fan speed and
temperature modulation control, lighting control and static
switching relay.
This device is approved to comply with applicable require-
ments by Underwriters Laboratories Inc.
2.T2
3.Gate
1.T1
Symbol
TO-220F
▼▲
1/6
1
2
3
SemiWell Semiconductor
Bi-Directional Triode Thyristor
copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
UL : E228720


Similar Part No. - BT138F-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138F-600 PHILIPS-BT138F-600 Datasheet
51Kb / 7P
   Triacs
February 1996 Rev 1.100
logo
DIYI Electronic Technol...
BT138F-600E DYELEC-BT138F-600E Datasheet
1Mb / 5P
   Domestic lighting ,heating and motor speed controllers.
BT138F-600E DYELEC-BT138F-600E Datasheet
1Mb / 5P
   4Q Triac
logo
NXP Semiconductors
BT138F-600F PHILIPS-BT138F-600F Datasheet
51Kb / 7P
   Triacs
February 1996 Rev 1.100
BT138F-600G PHILIPS-BT138F-600G Datasheet
51Kb / 7P
   Triacs
February 1996 Rev 1.100
More results

Similar Description - BT138F-600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com