Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9840-NSMR Datasheet(PDF) 1 Page - 3M Electronics

Part # 9840-NSMR
Description  3M™ Shielded Controlled Impedance (SCI)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9840-NSMR Datasheet(HTML) 1 Page - 3M Electronics

  9840-NSMR Datasheet HTML 1Page - 3M Electronics 9840-NSMR Datasheet HTML 2Page - 3M Electronics 9840-NSMR Datasheet HTML 3Page - 3M Electronics 9840-NSMR Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Shielded Controlled Impedance (SCI)
.100
Assembly Hardware
Physical
*RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
"RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values
in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing,
this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
Insulation Material:
2 Row: Polycarbonate
3 Row: Glass Reinforced Polyester
Color: Black
Flammability: UL 94V-0
Marking:
3M Logo
TS-0802-08
Sheet 1 of 3
2 Row Carrier Housing
• Carriers available in 3M .100
″ × .100″ Socket
(2.54 mm × 2.54 mm)
• Compatible with 3M .100
″ × .100″ Headers
(2.54 mm × 2.54 mm)
• Available in short or long latch styles
3 Row Carrier Housing
• Integral locking feature
• Includes two retention clips
2 Pin Header Latch
• Available for the right angle SCI connector
•RoHS* compliant
Date Modified: August 10, 2006


Similar Part No. - 9840-NSMR

ManufacturerPart #DatasheetDescription
logo
Heyco.
9840 HEYCO-9840 Datasheet
238Kb / 1P
   Zinc Die-Cast Box Connectors
More results

Similar Description - 9840-NSMR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
291X 3M-291X Datasheet
151Kb / 2P
   3M™ Polishing Films
January 2022
20433 3M-20433 Datasheet
78Kb / 3P
   3M™ Hookit™ Sheet Pad
logo
Keysight Technologies
W2307EP KEYSIGHT-W2307EP Datasheet
754Kb / 2P
   Controlled Impedance Line Designer
logo
3M Electronics
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP230GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP080GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP160GF
May, 2022
EPX 3M-EPX Datasheet
942Kb / 2P
   3M™ EPX™ Applicators and Nozzles
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
   3M™ VHB™ Tape RP040GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
   3M™ VHB™ Tape RP110GF
May, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com