Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP0121-05 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # BP0121-05
Description  Bobbintron Electrical Corporation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BP0121-05 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button BP0121-05 Datasheet HTML 8Page - List of Unclassifed Manufacturers BP0121-05 Datasheet HTML 9Page - List of Unclassifed Manufacturers BP0121-05 Datasheet HTML 10Page - List of Unclassifed Manufacturers BP0121-05 Datasheet HTML 11Page - List of Unclassifed Manufacturers BP0121-05 Datasheet HTML 12Page - List of Unclassifed Manufacturers BP0121-05 Datasheet HTML 13Page - List of Unclassifed Manufacturers BP0121-05 Datasheet HTML 14Page - List of Unclassifed Manufacturers BP0121-05 Datasheet HTML 15Page - List of Unclassifed Manufacturers BP0121-05 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
http://www.bobbintron.com
BOBBINTRON ELECTRICAL CORPORATION
bec
ED1048 Series
60W Medical Power Supply
Electrical specifications :
Input:
Voltage……………. 100-240VAC
Current……………...1.5A rms Max
Frequency…………..50-60 Hz
Output:
Voltage (Vo)……………. (see table)
Tolerance…………………+/- 5%
Power (Po)………………..60W
Hold up time………………8mS min at Full Load, 115VAC
Over voltage protection……Built-in
Short circuit protection……Hiccup Mode, Auto Recovery
Efficiency………………….70% min, at Full Load and 115VAC
Ripple/Noise (Vp-p)………2% (20M Hz Bandwidth)
Calculated MTBF………… Over 100 Khr at 25C
Output Electronic Specifications:
Model No.
Po
Vo
Io
ED1048-12M
60W
14.7VDC
4.0A
ED1048-132M
40W
13.2VDC
3.0A
ED1048-18M
54W
18.0VDC
3.0A
ED1048-24M
60W
29.4VDC
2.0A
Manufacturer’s note: ED1048-12M is a 3 stage charger
With Fast charge—Timer--- Float charge IC controlled, details
see next page.
EMI:
Meet FCC Class B and
CISPR 22 Class B
Safety:
UL2601 /CE(EN60601-1-1)
Feature:
Universal Input 100V to 240VAC
IEC Socket C14 Input
3-stage Lead Acid Battery Charger with timer
Medical Approva1
Environmental :
Operating Temperature:
0 deg. C to 40 deg. C
Storage Temperature:
-20 deg. C to 80 deg.C


Similar Part No. - BP0121-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP01 ETC1-BP01 Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
logo
C&K Components
BP01-R-K-E CK-COMPONENTS-BP01-R-K-E Datasheet
58Kb / 3P
Side Actuated DIP Switches
1997
BP01-R-KT CK-COMPONENTS-BP01-R-KT Datasheet
58Kb / 3P
Side Actuated DIP Switches
1997
BP01-RY-E CK-COMPONENTS-BP01-RY-E Datasheet
58Kb / 3P
Side Actuated DIP Switches
1997
BP01-RYT CK-COMPONENTS-BP01-RYT Datasheet
58Kb / 3P
Side Actuated DIP Switches
1997
More results

Similar Description - BP0121-05

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
Amphenol Corporation Amphenol Taiwan Corporation
logo
COSMO Electronics Corp...
KP1010 COSMO-KP1010 Datasheet
57Kb / 1P
ELECTRONICS CORPORATION
logo
List of Unclassifed Man...
RBS350100T ETC2-RBS350100T Datasheet
977Kb / 15P
BRAVOTRONICS CORPORATION
Jul. 03, 2018
logo
Panasonic Semiconductor
EEV-FK1V222M PANASONIC-EEV-FK1V222M Datasheet
296Kb / 21P
DIGI-KEY CORPORATION
logo
List of Unclassifed Man...
CMT20N15 ETC-CMT20N15 Datasheet
374Kb / 5P
Champion Microelectronic Corporation
logo
Silikron Semiconductor ...
SOT23 SILIKRON-SOT23 Datasheet
152Kb / 1P
Suzhou SilikronSemiconductor Corporation
logo
List of Unclassifed Man...
BRT1615P-06 ETC2-BRT1615P-06 Datasheet
56Kb / 2P
International Components Corporation
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120 Datasheet
34Kb / 2P
Richtek Technology Corporation
logo
Silikron Semiconductor ...
SOT-23-3L SILIKRON-SOT-23-3L Datasheet
150Kb / 1P
Suzhou SilikronSemiconductor Corporation
logo
Lite-On Technology Corp...
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com