Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6848TZ1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # SG6848TZ1
Description  Low-Cost, Green-Mode PWM Controller for Flyback Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SG6848TZ1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SG6848TZ1 Datasheet HTML 2Page - ON Semiconductor SG6848TZ1 Datasheet HTML 3Page - ON Semiconductor SG6848TZ1 Datasheet HTML 4Page - ON Semiconductor SG6848TZ1 Datasheet HTML 5Page - ON Semiconductor SG6848TZ1 Datasheet HTML 6Page - ON Semiconductor SG6848TZ1 Datasheet HTML 7Page - ON Semiconductor SG6848TZ1 Datasheet HTML 8Page - ON Semiconductor SG6848TZ1 Datasheet HTML 9Page - ON Semiconductor SG6848TZ1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.fairchildsemi.com
© 2007 Fairchild Semiconductor Corporation
SG6848x1 • Rev. 2, Feb-2020
4
NOT RECOMMENDED FOR NEW DESIGNS
Pin Configurations
Figure 4.
SSOT-6 Pin Configuration
Figure 5.
DIP-8 Pin Configuration
Pin Definitions
DIP
Pin #
SSOT
Pin #
Name
Description
1
6
GATE The totem-pole output driver for driving the power MOSFET
2
5
VDD
Power supply
3
NC
No connection
4
4
SENSE
Current sense. This pin senses the voltage across a resistor. When the voltage reaches
the internal threshold, PWM output is disabled. This activates over-current protection.
This pin also provides current amplitude information for current-mode control.
5
3
RI
A resistor connected from the RI pin to ground generates a constant current source
used to charge an internal capacitor and determine the switching frequency. Increasing
the resistance reduces the amplitude of the current source and the switching frequency.
A 95 kΩ resistor, RI, results in a 50 μA constant current, II, and a 70 kHz switching
frequency.
6
NC
No connection
7
2
FB
Feedback. The FB pin provides the output voltage regulation signal. It provides
feedback to the internal PWM comparator, so that the PWM comparator can control the
duty cycle.
8
1
GND
Ground


Similar Part No. - SG6848TZ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6848T ETC-SG6848T Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
More results

Similar Description - SG6848TZ1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com