Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7805-500R Datasheet(PDF) 1 Page - CUI INC

Part # P7805-500R
Description  NON-ISOLATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7805-500R Datasheet(HTML) 1 Page - CUI INC

  P7805-500R Datasheet HTML 1Page - CUI INC P7805-500R Datasheet HTML 2Page - CUI INC P7805-500R Datasheet HTML 3Page - CUI INC P7805-500R Datasheet HTML 4Page - CUI INC P7805-500R Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 05/26/2022
page 1 of 5
SERIES: P78-500
│ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
FEATURES
• 0.5 A output current
• up to 10:1 input range (9~90 Vdc)
• straight and bent pin options
• certified to EN/IEC 62368
• no-load input current as low as 1.5 mA
• -40°C to +85°C temperature range
RoHS
MODEL
input
voltage1
output
voltage
output
current
output
power
ripple
and noise2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
max
(mA)
max
(W)
max
(mVp-p)
Vin min
(%)
Vin max
(%)
P7803-500
48
9 ~ 90
3.3
500
1.65
80
82
69
P7805-500
48
9 ~ 90
5.0
500
2.50
80
87
75
P7806-500
48
9 ~ 90
6.5
500
3.25
80
91
78
P7809-500
48
14 ~ 90
9.0
500
4.50
80
91
80
P7812-500
48
18 ~ 90
12.0
500
6.0
80
91
83
P7815-500
48
20 ~ 90
15.0
500
7.50
80
93
84
P7824-500
48
36 ~ 90
24.0
300
7.2
80
93
85
Notes:
1. For input voltage exceeding 80 Vdc, an input capacitor of 22µF/100V is required.
2. The ripple and noise are measured at 20 MHz BW using the parallel cable method at nominal input voltage, full load. See Application notes.
PART NUMBER KEY
P78 XX - 500 X
Output Voltage
Output Current
Base Number
Mounting Style:
"blank" = straight pin
R = bent pin
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - P7805-500R

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7805-2000-S CUI-P7805-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
P7805-2000R-S CUI-P7805-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
P7805-Q12-S1R5-S CUI-P7805-Q12-S1R5-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-Q12-S1R5-S CUI-P7805-Q12-S1R5-S Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-Q12-S1R8-S CUI-P7805-Q12-S1R8-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results

Similar Description - P7805-500R

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com