Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7805-500R Datasheet(PDF) 2 Page - CUI INC

Part # P7805-500R
Description  NON-ISOLATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7805-500R Datasheet(HTML) 2 Page - CUI INC

  P7805-500R Datasheet HTML 1Page - CUI INC P7805-500R Datasheet HTML 2Page - CUI INC P7805-500R Datasheet HTML 3Page - CUI INC P7805-500R Datasheet HTML 4Page - CUI INC P7805-500R Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: P78-500 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 05/26/2022
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
no load input current
at nominal input
1.5
mA
reverse polarity at input
avoid / not protected
input filter
capacitance filter
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
Vin = min ~ max, at full load
3.3, 5, 6.5 Vdc output models
9, 12, 15 Vdc output models
24 Vdc output model
±0.6
±0.6
±1.2
±1.5
±2.0
±2.5
%
%
%
load regulation
at nominal input, 10% ~ 100% load
±1.0
±2.0
%
voltage accuracy
at nominal input, 10% ~ 100% load
3.3 Vdc output model
all other output models
±3.5
±2.0
±4.5
±3.0
%
%
switching frequency3
at nominal input, full load
330
kHz
temperature coefficient
-40°C ~ 80°C
±0.03
%/°C
transient response deviation
at nominal input, 25% load step change
±0.4
±1.5
%
transient recovery time
at nominal input, 25% load step change
0.2
1
ms
Note:
3. Different output voltage with different switching frequency.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
safety approvals
certified to 62368: EN, IEC
conducted emissions
CISPR32/EN55032 Class B (see Figure 2-2)
radiated emissions
CISPR32/EN55032 Class B (see Figure 2.2)
ESD
IEC/EN 61000-4-2 Contact±4kV, perf. Criteria B
radiated immunity
IEC/EN 61000-4-3 10V/m, perf. Criteria B
EFT/burst
IEC/EN 61000-4-4 100kHz±1kV, perf. Criteria B (see Figure 2-1)
surge
IEC/EN 61000-4-5 line to line±1kV, perf. Criteria B (see Figure 2-1)
conducted immunity
IEC/EN 61000-4-6 3Vr.m.s, perf. Criteria B
MTBF
as per MIL-HDBK-217 at 25°C
2,000,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
pin soldering resistance
temperature
1.5 mm from case for 10 seconds
300
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - P7805-500R

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7805-2000-S CUI-P7805-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
P7805-2000R-S CUI-P7805-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
P7805-Q12-S1R5-S CUI-P7805-Q12-S1R5-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-Q12-S1R5-S CUI-P7805-Q12-S1R5-S Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-Q12-S1R8-S CUI-P7805-Q12-S1R8-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results

Similar Description - P7805-500R

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com