Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT16-18SX-XXXXXX Datasheet(PDF) 3 Page - Amphenol Corporation

Part # AT16-18SX-XXXXXX
Description  18 POSITION PLUG, SOCKET,AT SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AT16-18SX-XXXXXX Datasheet(HTML) 3 Page - Amphenol Corporation

  AT16-18SX-XXXXXX Datasheet HTML 1Page - Amphenol Corporation AT16-18SX-XXXXXX Datasheet HTML 2Page - Amphenol Corporation AT16-18SX-XXXXXX Datasheet HTML 3Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4.765
9.53
KEY-D CONFIGURATION
PART NUMBER
STRAIN
RELIEF
COLOR
AT16-18SD-K004
NO
BLACK
AT16-18SD-EK02
NO
BROWN
AT16-18SD-SR02
YES
BLACK
AT16-18SD-EKSR02
YES
BROWN
KEY-E CONFIGURATION
PART NUMBER
STRAIN
RELIEF
COLOR
AT16-18SE-K004
NO
BLACK
AT16-18SE-EK02
NO
GRAY
AT16-18SE-SR02
YES
BLACK
AT16-18SE-EKSR02
YES
GRAY
SEE P/N CHART
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
QUANTITY
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
PART NUMBER
DWG NO:
FSCM NO.
SHEET
OF
DESCRIPTION
SINE
A Subsidiary of Amphenol Corporation
44724 Morley Drive
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIG HTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
Systems Corporation
Clinton Township, MI 48036
X
18 POSITION PLUG, SOCKET,AT SERIES
B
B1
3
3
NONE
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
AT16-18SD-K005
NO
BLACK
AT16-18SD-EK03
NO
BROWN
AT16-18SD-SR03
YES
BLACK
AT16-18SD-EKSR03
YES
BROWN
AT16-18SE-K005
NO
BLACK
AT16-18SE-EK03
NO
GRAY
AT16-18SE-SR03
YES
BLACK
AT16-18SE-EKSR03
YES
GRAY
SEAL
REDUCED DIA.
REDUCED DIA.
REDUCED DIA.
REDUCED DIA.
STANDARD
STANDARD
STANDARD
STANDARD
SEAL
REDUCED DIA.
REDUCED DIA.
REDUCED DIA.
REDUCED DIA.
STANDARD
STANDARD
STANDARD
STANDARD
B1
RELEASE
28JUN2020
ZENIN
TOMMY


Similar Part No. - AT16-18SX-XXXXXX

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1601 AIMTRON-AT1601 Datasheet
654Kb / 8P
USB High-Side Power Switches with Flag
AT1601A AIMTRON-AT1601A Datasheet
654Kb / 8P
USB High-Side Power Switches with Flag
AT1601A-GRE AIMTRON-AT1601A-GRE Datasheet
654Kb / 8P
USB High-Side Power Switches with Flag
AT1601B AIMTRON-AT1601B Datasheet
654Kb / 8P
USB High-Side Power Switches with Flag
AT1601B-GRE AIMTRON-AT1601B-GRE Datasheet
654Kb / 8P
USB High-Side Power Switches with Flag
More results

Similar Description - AT16-18SX-XXXXXX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT06-6S-KIT01 AMPHENOL-AT06-6S-KIT01 Datasheet
135Kb / 1P
KIT, AT SERIES, 6 POSITION PLUG, CONTACTS, AND WEDGELOCK
AT06-2S-KIT01 AMPHENOL-AT06-2S-KIT01 Datasheet
120Kb / 1P
KIT, AT SERIES, 2 POSITION PLUG, CONTACTS, AND WEDGELOCK
A
AT06-2S-XXX AMPHENOL-AT06-2S-XXX Datasheet
246Kb / 2P
PLUG, 2 SOCKET, AT SERIES
A5
AT06-3S-KIT01 AMPHENOL-AT06-3S-KIT01 Datasheet
119Kb / 1P
KIT, AT SERIES, 3 POSITION PLUG, CONTACTS, AND WEDGELOCK
A
AT06-3S-XXX AMPHENOL-AT06-3S-XXX Datasheet
252Kb / 2P
PLUG, 3 SOCKET, AT SERIES
A5
AT06-4S-KIT01 AMPHENOL-AT06-4S-KIT01 Datasheet
122Kb / 1P
KIT, AT SERIES, 4 POSITION PLUG, CONTACTS, AND WEDGELOCK
A
AT06-4S-XXX AMPHENOL-AT06-4S-XXX Datasheet
255Kb / 2P
PLUG, 4 SOCKET, AT SERIES
A5
AT06-6S-XXX AMPHENOL-AT06-6S-XXX Datasheet
266Kb / 2P
PLUG, 6 SOCKET, AT SERIES
A5
AT06-12SA-KIT01 AMPHENOL-AT06-12SA-KIT01 Datasheet
196Kb / 1P
KIT, AT SERIES, 12 POSITION PLUG, CONTACTS, AND WEDGELOCK
A
AT06-12SX-XXX AMPHENOL-AT06-12SX-XXX Datasheet
946Kb / 3P
PLUG, 12 SOCKET, AT SERIES, KEYED
A3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com