Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

640931-1 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # 640931-1
Description  Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640931-1 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button 640931-1 Datasheet HTML 7Page - TE Connectivity Ltd 640931-1 Datasheet HTML 8Page - TE Connectivity Ltd 640931-1 Datasheet HTML 9Page - TE Connectivity Ltd 640931-1 Datasheet HTML 10Page - TE Connectivity Ltd 640931-1 Datasheet HTML 11Page - TE Connectivity Ltd 640931-1 Datasheet HTML 12Page - TE Connectivity Ltd 640931-1 Datasheet HTML 13Page - TE Connectivity Ltd 640931-1 Datasheet HTML 14Page - TE Connectivity Ltd 640931-1 Datasheet HTML 15Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
101
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
PIDG FASTON Receptacles and Tabs (Continued)
FASTON Terminals (Insulated and Uninsulated)
Receptacles (Continued)
.230
.800
Blue
.170
Brass
.016
.020
640919-1*
640919-2
640918-1
16-14
5.84
20.32
4.32
0.41
0.51
2,050-5,180
B
.230
.900
Blue
.250
Brass
.016
.032
696108-1
696108-2
.
.187
[1.04-2.62]
5.84
22.86
6.35
0.41
0.81
16-14
509-1,900
B
.235
.800
Blue
.170
Brass
.016
.032
184235-1
184235-2
.
[0.26-0.96]
5.84
20.32
4.32
0.41
0.81
.187
22-18
.020
696777-2
.
696776-1
Low
509-1,900
B
.230
.800
Red
.140
Brass
.016
0.51
Insertion
[0.26-0.96]
5.84
22.86
3.68
0.41
.032
184268-1
184268-2
184267-1
0.81
.148
.734
Natural
.110
Brass
.012
.016
61048-1*
61048-2
.
3.76
18.64
2.79
0.30
0.41
.110
22-18
.148
.734
Natural
.110
Brass
.012
.020
61060-1*
61060-2
61059-2
Standard
509-1,900
B
3.76
18.64
2.79
0.30
0.51
[0.26-0.96]
.148
.734
Natural
.110
Brass
.012
.032
60894-1*
60894-2
60893-2
3.76
18.64
2.79
0.30
0.81
26-24
.160
.700
.082
.016
.020
238-475
A
Yellow
Brass
641324-1
641324-2
.
[0.12-0.24]
4.06
17.78
2.08
0.41
0.51
.160
.796
Red
.140
Brass
.016
.012
.
.
350871-1
4.06
20.22
3.56
0.41
0.30
22-18
.016
640921-1
640921-2
.
.110
509-1,900
A
0.41
Low
[0.26-0.96]
.160
.800
Red
.140
Brass
.016
.020
640923-1*
640923-2
640922-1
Insertion
4.06
20.32
3.56
0.41
0.51
.032
640925-1*
640925-2
640924-1
0.81
.020
640929-1*
640929-2
.
A
.160
.800
Blue
.170
Brass
.016
0.51
16-14
4.06
20.32
4.32
0.41
.032
640931-1*
640931-2
.
2,050-5,180
0.81
[1.04-2.62]
B
.160
.800
Blue
.170
Brass
.016
.016
640927-1
640927-2
.
4.06
20.32
4.32
0.41
0.41
Not UL or CSA approved or listed.
*Available in small packaging quantities.
Wire Size
Dimensions
Terminal
Wire
Fits
Part Numbers
Series
Circular Mils
Style
W
L
Insulation
Insulation
Recept.
Stock
Tab
Loose
Tape
Strip
[mm2]
Nom.
Max.
Color
Diameter
Matl.
Thk.
Thk.
Piece
Mounted
Form
Max.
Note: All part numbers are RoHS compliant.
Tooling for Insulated FASTON Receptacles and Tabs — 26 to 10 AWG Wire Range
Tools for Tape Mounted Terminations
Tools for Strip Form Terminations
Wire Size
Hand Tool
Tape Dies for
Tape Dies for
Tape Dies for
AMPOMATOR
69875 AMP-TAPETRONIC
AMP-O-LECTRIC1 Model “G”
AMPOMATOR CLS III G,
CLS III G, CLS IV
No Applicator Required
Applicator 567200-3
CLS IV Applicator 687658-1
Applicators
26-24
48518-2
69877-2
69877-2
69877-2
22-18
59824-1
59826-1
59826-1*
59826-1
466788-32
22-18
90185-1
90248-2
90248-2
90248-2
466554-32
(Natural)
16-14
59824-1
59827-1
59827-1*
59827-1
466789-32
14-12
90246-1
90240-2
90240-2
90240-2
12-10
59824-1
59828-1
59828-1*
59828-1
466790-42
*Only UL and CSA approved.
1
AMP-O-LECTRIC model “K” 565435-5 uses applicator 567200-2.
2
Die included with applicator.


Similar Part No. - 640931-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
640931-1 TEC-640931-1 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
More results

Similar Description - 640931-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190130026 MOLEX4-0190130026 Datasheet
119Kb / 2P
InsulKrimp??Fully Insulated
logo
Tyco Electronics
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
FASTON TABS 45. 250series
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
FASTON Receptacles
logo
Vestal Electronic Devic...
IR200-22-FI-570Y VESTAL-IR200-22-FI-570Y Datasheet
139Kb / 1P
Fully Insulated Radial, .570
logo
Vishay Siliconix
VS-UFB130FA40 VISHAY-VS-UFB130FA40 Datasheet
142Kb / 6P
Fully insulated package
Revision: 31-May-16
logo
CSB Battery Co., Ltd.
HR1234WF2 CSB-BATTERY-HR1234WF2 Datasheet
363Kb / 2P
Sealed Lead Acid Battery 12V 34W .250" Faston tabs
logo
Molex Electronics Ltd.
ATS-6400188HM MOLEX-ATS-6400188HM Datasheet
1Mb / 9P
Tool Kit for AviKrimp??Fully Insulated and-Insulated Quick Disconnect Flags
06-17-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com