Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

640931-1 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 640931-1
Description  Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640931-1 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  640931-1 Datasheet HTML 1Page - TE Connectivity Ltd 640931-1 Datasheet HTML 2Page - TE Connectivity Ltd 640931-1 Datasheet HTML 3Page - TE Connectivity Ltd 640931-1 Datasheet HTML 4Page - TE Connectivity Ltd 640931-1 Datasheet HTML 5Page - TE Connectivity Ltd 640931-1 Datasheet HTML 6Page - TE Connectivity Ltd 640931-1 Datasheet HTML 7Page - TE Connectivity Ltd 640931-1 Datasheet HTML 8Page - TE Connectivity Ltd 640931-1 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
92
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ultra-Fast Fully Insulated FASTON Receptacles and Tabs (Continued)
FASTON Terminals (Insulated and Uninsulated)
Description
Wire Range
Ins. Dia
Dimensions
Tab
Terminal Base
Part Numbers
AWG
Max.
AB
CD
Size
Material
Strip
Loose Piece
.135
.290 .522 .205 .855
.032 x .250
Brass
2-520102-2
2-520103-2
22-18
3.43
7.37 13.26 5.21 21.72
0.81 x 6.35
.230
.290 .522 .295 .935
.032 x. 250
Brass
2-521144-2
2-521192-2
.250
5.84
7.37 13.26 7.49 23.75
0.81 x 6.35
Series
.160
.290 .522 .230 .855
.032 x. 250
Brass
3-520106-2
3-520107-2
16-14
4.06
7.37 13.26 5.84 21.72
0.81 x 6.35
.260
.290 .522 .325 .935
.032 x. 250
Brass
3-521142-2
3-521191-2
6.60
7.37 13.26 8.26 23.75
0.81 x 6.35
12-10
.320
.352 .522 .388 .935
.032 x .250
Brass
4-521097-2
4-521098-2
8.13
8.94 13.26 9.86 23.75
0.81 x 6.35
.020 x .187
Brass
2-521102-2
2-521103-2
.187
22-18
.135
.250 .448 .205 .793
0.51 x 4.75
Series
3.43
6.35 11.38 5.21 20.14
.032 x .187
Brass
2-521104-2
2-521105-2
0.81 x 4.75
Ultra-Fast Fully
Insulated FASTON Tabs
Material
Housing — Nylon Type 6/6
Flammability — UL 94 V-2
Terminal — Tin plated, copper alloy
Color Code (Translucent)
Red — 22-18 AWG
Blue — 16-14 AWG
Yellow — 12-10 AWG
Ultra-Fast Fully Insulated
FASTON Flag Receptacles
Material
Housing — Nylon Type 6/6
Flammability — UL 94 V-2
Terminal — Tin plated, copper alloy
Color Code (Translucent)
Red — 22-18 AWG
Blue — 16-14 AWG
Yellow — 12-10 AWG
Description
Wire Range1 Ins. Dia.
Dimensions
Mating
Terminal Base
Part Numbers
AWG
Max.
ABC
DE
Tab
Material
Strip
Loose Piece
.020 x .187
Brass
2-520334-22 2-520335-2
22-18
.165
.187
.320
.235
.636
.515
0.51 x 4.75
4.19
4.75
8.13
5.97 16.15 13.08
.032 x .187
Brass
2-520336-22 2-520337-2
0.81 x 4.75
.020 x .187
Brass
3-520338-22 3-520339-2
.187
.185
.187
.320
.255
.632
.515
0.51 x 4.75
Series
4.70
4.75
8.13
6.48 16.05 13.08
.032 x .187
Brass
3-520340-22
16-14
0.81 x 4.75
.020 x .187
Brass
3-520997-22
.260
.187
.320
.325
.668
.565
0.51 x 4.75
6.60
4.75
8.13
8.26 16.97 14.35
.032 x .187
Brass
3-521247-22
0.81 x 4.75
.205
22-18
.165
.187
.385
.235
.636
.580
.032 x .205
Brass
2-521164-22
Series
4.19
4.75
9.78
5.97 16.15 14.73
0.81 x 5.21
.165
.187
.385
.235
.636
.580
.032 x .250
Brass
2-520128-22 2-520129-2
22-18
4.19
4.75
9.78
5.97 16.15 14.73
0.81 x 6.35
.230
.187
.385
.295
.665
.630
.032 x .250
Brass
2-520856-22
5.84
4.75
9.78
7.49 16.89 16.00
0.81 x 6.35
.250
.185
.187
.385
.255
.632
.580
.032 x .250
Brass
3-520132-22 3-520133-2
Series
16-14
4.70
4.75
9.78
6.48 16.05 14.73
0.81 x 6.35
.260
.187
.385
.325
.668
.630
.032 x .250
Brass
3-521013-22
6.60
4.75
9.78
8.26 16.97 16.00
0.81 x 6.35
1
Stranded wire only.
2
Available with black insulator — Part Number 9-XXXXXX-2.
Note: All part numbers are RoHS compliant.


Similar Part No. - 640931-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
640931-1 TEC-640931-1 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
More results

Similar Description - 640931-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190130026 MOLEX4-0190130026 Datasheet
119Kb / 2P
InsulKrimp??Fully Insulated
logo
Tyco Electronics
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
FASTON TABS 45. 250series
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
FASTON Receptacles
logo
Vestal Electronic Devic...
IR200-22-FI-570Y VESTAL-IR200-22-FI-570Y Datasheet
139Kb / 1P
Fully Insulated Radial, .570
logo
Vishay Siliconix
VS-UFB130FA40 VISHAY-VS-UFB130FA40 Datasheet
142Kb / 6P
Fully insulated package
Revision: 31-May-16
logo
CSB Battery Co., Ltd.
HR1234WF2 CSB-BATTERY-HR1234WF2 Datasheet
363Kb / 2P
Sealed Lead Acid Battery 12V 34W .250" Faston tabs
logo
Molex Electronics Ltd.
ATS-6400188HM MOLEX-ATS-6400188HM Datasheet
1Mb / 9P
Tool Kit for AviKrimp??Fully Insulated and-Insulated Quick Disconnect Flags
06-17-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com