Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

640931-1 Datasheet(PDF) 15 Page - TE Connectivity Ltd

Part # 640931-1
Description  Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640931-1 Datasheet(HTML) 15 Page - TE Connectivity Ltd

Back Button 640931-1 Datasheet HTML 7Page - TE Connectivity Ltd 640931-1 Datasheet HTML 8Page - TE Connectivity Ltd 640931-1 Datasheet HTML 9Page - TE Connectivity Ltd 640931-1 Datasheet HTML 10Page - TE Connectivity Ltd 640931-1 Datasheet HTML 11Page - TE Connectivity Ltd 640931-1 Datasheet HTML 12Page - TE Connectivity Ltd 640931-1 Datasheet HTML 13Page - TE Connectivity Ltd 640931-1 Datasheet HTML 14Page - TE Connectivity Ltd 640931-1 Datasheet HTML 15Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
103
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
PIDG FASTON Receptacles and Tabs (Continued)
FASTON Terminals (Insulated and Uninsulated)
Fully Insulated Receptacles
Insulation Sleeve — Nylon
Description
Wire
Ins. Dia.
Dimensions
Material
Part Number
Range
Range
WL
and Finish
22-18
.128
.375
.891
Tin Plated Brass
696357-1
3.25
9.53
22.63
For Tab
16-14
.165
.375
.881
Tin Plated Brass
696366-1
.250 x .032
4.19
9.53
22.38
12-10
.225
.375
.998
Tin Plated Brass
696371-1
5.72
9.53
25.35
W
L
Budget Line PIDG FASTON
Receptacles
Material
Insulation — PVC, UL 94V-0
Receptacle Body — Brass
Plating — Tin
Metallic Sleeve — Copper
Plating — Tin
W
L
Wire Size
Dimensions
Wire
Fits
Part Numbers
Series
Circular Mils
WL
Terminal
Insulation
Tab
Loose
Tape
[mm2]
Nom.
Nom.
Color
Diameter
Thk.
Piece
Mounted
Max.
22-18
.300
.819
Red
.150
.032
696301-1
696301-2
7.62
20.80
3.81
0.81
.250
16-14
.300
.819
Blue
.185
.032
696302-1
696302-2
7.62
20.80
4.70
0.81
Note: All part numbers are RoHS compliant.


Similar Part No. - 640931-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6409 ALPHAWIRE-6409 Datasheet
410Kb / 4P
   24 (7/32) AWG Tinned Copper
logo
Tyco Electronics
640900-1 MACOM-640900-1 Datasheet
116Kb / 1P
   PIN HEADER ASSEMBLY, 5 CIRCUIT, UNIVERSAL MATE-N-LOK?
640900-2 MACOM-640900-2 Datasheet
116Kb / 1P
   PIN HEADER ASSEMBLY, 5 CIRCUIT, UNIVERSAL MATE-N-LOK?
640900-3 MACOM-640900-3 Datasheet
116Kb / 1P
   PIN HEADER ASSEMBLY, 5 CIRCUIT, UNIVERSAL MATE-N-LOK?
640901-1 MACOM-640901-1 Datasheet
152Kb / 4P
   Universal MATE-N-LOK Connectors
More results

Similar Description - 640931-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Molex Electronics Ltd.
0190130026 MOLEX4-0190130026 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated
logo
Vishay Siliconix
VS-UFB130FA40 VISHAY-VS-UFB130FA40 Datasheet
142Kb / 6P
   Fully insulated package
Revision: 31-May-16
logo
CSB Battery Co., Ltd.
HR1234WF2 CSB-BATTERY-HR1234WF2 Datasheet
363Kb / 2P
   Sealed Lead Acid Battery 12V 34W .250" Faston tabs
logo
Molex Electronics Ltd.
ATS-6400188HM MOLEX-ATS-6400188HM Datasheet
1Mb / 9P
   Tool Kit for AviKrimp??Fully Insulated and-Insulated Quick Disconnect Flags
06-17-15
logo
Vestal Electronic Devic...
IR200-22-FI-570Y VESTAL-IR200-22-FI-570Y Datasheet
139Kb / 1P
   Fully Insulated Radial, .570
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com