Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVC3535OUJLA-D0 Datasheet(PDF) 11 Page - CT Micro International Corporation

Part # UVC3535OUJLA-D0
Description  0.2W UV Power LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

UVC3535OUJLA-D0 Datasheet(HTML) 11 Page - CT Micro International Corporation

Back Button UVC3535OUJLA-D0 Datasheet HTML 4Page - CT Micro International Corporation UVC3535OUJLA-D0 Datasheet HTML 5Page - CT Micro International Corporation UVC3535OUJLA-D0 Datasheet HTML 6Page - CT Micro International Corporation UVC3535OUJLA-D0 Datasheet HTML 7Page - CT Micro International Corporation UVC3535OUJLA-D0 Datasheet HTML 8Page - CT Micro International Corporation UVC3535OUJLA-D0 Datasheet HTML 9Page - CT Micro International Corporation UVC3535OUJLA-D0 Datasheet HTML 10Page - CT Micro International Corporation UVC3535OUJLA-D0 Datasheet HTML 11Page - CT Micro International Corporation UVC3535OUJLA-D0 Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.1
ALL RIGHTS RESERVED.
Page 11
Aug, 2022
UVC3535OUJLA-D0
0.2W UV Power LED
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60
– 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.


Similar Part No. - UVC3535OUJLA-D0

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
UVC3535O1JLA-D0 CTMICRO-UVC3535O1JLA-D0 Datasheet
1Mb / 12P
UVC3535O1JLA-D0
Rev.1 Aug, 2022
More results

Similar Description - UVC3535OUJLA-D0

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PP6N-TLXE ELITE-PP6N-TLXE Datasheet
1Mb / 20P
0.2W Power LED
PP6N-TLXE-3 ELITE-PP6N-TLXE-3 Datasheet
1Mb / 18P
0.2W Power LED
logo
LIGITEK electronics co....
LG-5630WK-1-T60-C-D711 LIGITEK-LG-5630WK-1-T60-C-D711 Datasheet
329Kb / 16P
0.2W Power Light LED
LG-5630WK-1-T60-W-D711 LIGITEK-LG-5630WK-1-T60-W-D711 Datasheet
434Kb / 16P
0.2W Power Light LED
LG-5630WK-DT-1-T60-P-XX LIGITEK-LG-5630WK-DT-1-T60-P-XX Datasheet
333Kb / 18P
0.2W Power Light LED
LG-5630WK-1-T60-P-X-DXXX LIGITEK-LG-5630WK-1-T60-P-X-DXXX Datasheet
373Kb / 17P
0.2W Power Light LED
LG-4014WKZ-DT-P-A02 LIGITEK-LG-4014WKZ-DT-P-A02 Datasheet
344Kb / 16P
0.2W Power Light LED
LG-4014WK-DT-P-A07 LIGITEK-LG-4014WK-DT-P-A07 Datasheet
372Kb / 16P
0.2W Power Light LED
LG-5630DBKZ-1-T60-A01 LIGITEK-LG-5630DBKZ-1-T60-A01 Datasheet
419Kb / 18P
0.2W Power Light LED
logo
List of Unclassifed Man...
QBHP686-IWK-WW ETC1-QBHP686-IWK-WW Datasheet
726Kb / 11P
0.2W Mid Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com