Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-029-GL-E Datasheet(PDF) 3 Page - CommScope Inc.

Part # T-029-GL-E
Description  12-port sector antenna, 4x 698–960 and 8x 1710–2690 MHz, 65° HPBW, 6x RET with manual override. Bands cascaded SRET (Antenna 1 and Antenna 2).
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

T-029-GL-E Datasheet(HTML) 3 Page - CommScope Inc.

  T-029-GL-E Datasheet HTML 1Page - CommScope Inc. T-029-GL-E Datasheet HTML 2Page - CommScope Inc. T-029-GL-E Datasheet HTML 3Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
//www.alldatasheet.com/htmldatasheet2/1424925/COMMSCOPE/T-029-GL-E/1721/3/T-029-GL-E.png


Similar Part No. - T-029-GL-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
T-0006 CUI-T-0006 Datasheet
29Kb / 1P
   CRIMP PIN
logo
Pulse A Technitrol Comp...
T-050078 PULSE-T-050078 Datasheet
530Kb / 2P
   High-Frequency SMT Balun Adaptor
T-050100 PULSE-T-050100 Datasheet
530Kb / 2P
   High-Frequency SMT Balun Adaptor
T-050150 PULSE-T-050150 Datasheet
530Kb / 2P
   High-Frequency SMT Balun Adaptor
logo
Aries Electronics, Inc.
T-0600 ARIES-T-0600 Datasheet
360Kb / 1P
   Strip Header/Socket Break Tool
More results

Similar Description - T-029-GL-E

ManufacturerPart #DatasheetDescription
logo
CommScope Inc.
CVVPX306R3 COMMSCOPE-CVVPX306R3 Datasheet
657Kb / 4P
   6-port sector antenna, 2x 790–960 and 4x 1710–2690 MHz, 65° HPBW, 3x RET with manual override
July 15, 2019
RRZZHHTT-65B-R7N43 COMMSCOPE-RRZZHHTT-65B-R7N43 Datasheet
1Mb / 5P
   16-port sector antenna, 4x 694–960, 4x 1427–2690, 4x 1695-2180 and 4x 2490-2690 MHz, 65° HPBW, 7x RET
Revised: August 29, 2022
SBNH-1D65B COMMSCOPE-SBNH-1D65B Datasheet
613Kb / 4P
   4-port sector antenna, 2x 698-896 and 2x 1710-2360 MHz, 65° HPBW, 2x RET
June 2, 2019
HBXX-3319DS-VTM COMMSCOPE-HBXX-3319DS-VTM Datasheet
378Kb / 3P
   4-port sector antenna, 4x 1710–2180 MHz, 33° HPBW, RET compatible
July 28, 2022
HBX-3319DS-VTM COMMSCOPE-HBX-3319DS-VTM Datasheet
367Kb / 4P
   2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
logo
TE Connectivity Ltd
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
   698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
logo
CommScope Inc.
NNNOX310R COMMSCOPE-NNNOX310R Datasheet
231Kb / 2P
   Tri-sector Antenna, 3x 1710-2170 MHz, 65° horizontal beamwidth, RET compatible
November 15, 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com