Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII1292CNUC Datasheet(PDF) 5 Page - Silicon image

Part # SII1292CNUC
Description  MHL Bridge and HDMI Monitor Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII1292CNUC Datasheet(HTML) 5 Page - Silicon image

  SII1292CNUC Datasheet HTML 1Page - Silicon image SII1292CNUC Datasheet HTML 2Page - Silicon image SII1292CNUC Datasheet HTML 3Page - Silicon image SII1292CNUC Datasheet HTML 4Page - Silicon image SII1292CNUC Datasheet HTML 5Page - Silicon image SII1292CNUC Datasheet HTML 6Page - Silicon image SII1292CNUC Datasheet HTML 7Page - Silicon image SII1292CNUC Datasheet HTML 8Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SiI1292 MHL Bridge and HDMI Monitor Receiver
Data Brief
Silicon Image, Inc.
SiI-DB-1093-A
© 2010-2011 Silicon Image, Inc. All rights reserved.
3
Packaging
ePad Requirements
The SiI1292 chip is packaged in a 40-pin QFN package with an Exposed Pad™ (ePad™), used both for electrical
connectivity and for improved thermal transfer characteristics. The ePad dimensions are shown on the following page.
Soldering of the ePad is required to meet package power dissipation requirements at full speed operation, and to
correctly connect the chip circuitry to electrical ground.
Note: The ePad must be soldered to the PCB ground. Provide a landing area on the PCB with dimensions and
location corresponding to the ePad within the footprint of the package. The size of this landing area can be larger than
the ePad on the package but should be at least the same as the maximum size of exposed pad of the package (2.50 mm x
2.50 mm). If any circuit traces are within the area of the maximum size of the ePad, the trace may short to the pad if the
package has a pad with the maximum dimensions.
The thermal land area on the PCB can use thermal vias to improve heat removal from the package. These thermal vias
can double as ground connections, attaching internally in the PCB to the ground plane. An array of vias should be
designed into the PCB beneath the package. For optimum thermal performance, Silicon Image recommends the diameter
of vias set within 12 mils to 13 mils (0.30 mm to 0.33 mm) and the via barrel be plated with 1-ounce copper to plug the
via. This is desirable to avoid any solder wicking inside the via during the soldering process, which may result in voids
in solder between the exposed pad and the thermal land. If the copper plating does not plug the vias, the thermal vias can
be tented with solder mask on the top surface of the PCB to avoid solder wicking inside the via during assembly. The
solder mask diameter should be at least 4 mils (0.1 mm) larger than the via diameter.
Package stand-off is also a consideration. For a nominal stand-off of approximately 0.1 mm (see dimension A1), the
stencil thickness of 5 mils to 8 mils provide a good solder joint between the ePad and the thermal land.


Similar Part No. - SII1292CNUC

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1000 SILICONIMAGE-SII1000 Datasheet
106Kb / 2P
   PanelLink Receivers
logo
Sirectifier Semiconduct...
SII100N06 SIRECTIFIER-SII100N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
SII100N12 SIRECTIFIER-SII100N12 Datasheet
744Kb / 7P
   NPT IGBT Modules
SII100S12 SIRECTIFIER-SII100S12 Datasheet
790Kb / 2P
   SPT IGBT Modules
logo
Silicon image
SII1151 SILICONIMAGE-SII1151 Datasheet
357Kb / 44P
   PanelLink Receiver
More results

Similar Description - SII1292CNUC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
ADV7481 AD-ADV7481 Datasheet
404Kb / 22P
   Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9206 SILICONIMAGE-SII9206 Datasheet
220Kb / 2P
   VastLane HDMI / MHL Transmitter PHY
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7482 AD-ADV7482 Datasheet
372Kb / 20P
   Integrated Video Decoder and HDMI Receiver
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
SII9025 SILICONIMAGE-SII9025 Datasheet
260Kb / 2P
   VastLane??HDMI Receiver
SII9133 SILICONIMAGE-SII9133 Datasheet
264Kb / 2P
   VastLane??HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com