Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASA03G24-L Datasheet(PDF) 2 Page - Astec America, Inc

Part # ASA03G24-L
Description  10 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ASA03G24-L Datasheet(HTML) 2 Page - Astec America, Inc

  ASA03G24-L Datasheet HTML 1Page - Astec America, Inc ASA03G24-L Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Mechanical Drawing
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
Ordering Information
Input
Voltage
Output 1 Voltage Output 2 Voltage
Maximum
Power
Model Number
18 - 75V
2.5V @ 3A
7.5W
ASA03G24-L
18 - 75V
3.3V @ 3A
10W
ASA03F24-L
18 - 75V
5V @ 2A
10W
ASA02A24-L
18 - 75V
12V @ 0.835A
10W
ASA00B24-L
36 - 75V
2.5V @ 3A
7.5W
ASA03G48-L
36 - 75V
3.3V @ 3A
10W
ASA03F48-L
36 - 75V
5V @ 2A
10W
ASA02A48-L
36 - 75V
12V@ 0.835 A
10W
ASA00B48-L
Please contact Astec for information on other output voltages, power ranges and configurations.
Available in RoHS 6 version only.
Rev. 03.03.06
ASA 10W Series
2of 2
ASTEC
10.16
(0.40)
£p
0.50
(0.02)
20.32
(0.80)
3.05
(0.12)
Printed Face
31.75
(1.25)
2.54
(0.10)
27.94
(1.10)
15.24
(0.60)
+Vin +Vin
-Vin -Vin
NC
NC
Vo(+)
Vo(-)
Pin 1
Notes:
1. All specifications subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 1 yr
3. Label and logo appearance may vary from what is shown on mechanical drawings.
ASA02A24-L


Similar Part No. - ASA03G24-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ASA03G24-L ASTEC-ASA03G24-L Datasheet
115Kb / 2P
Short circuit protection
logo
Artesyn Technologies
ASA03G24-LS ARTESYN-ASA03G24-LS Datasheet
515Kb / 2P
Electrical Specifications
More results

Similar Description - ASA03G24-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10U ASTEC-AA10U Datasheet
322Kb / 2P
10 Watts AA10U
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
10 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
10 Watts
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
10 Watts
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
10 Watts
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
5/10 Watts
JCH10 XPPOWER-JCH10 Datasheet
337Kb / 2P
10 Watts JCH Series
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
10 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com