Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASA03G24-L Datasheet(PDF) 1 Page - Astec America, Inc

Part # ASA03G24-L
Description  10 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ASA03G24-L Datasheet(HTML) 1 Page - Astec America, Inc

  ASA03G24-L Datasheet HTML 1Page - Astec America, Inc ASA03G24-L Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
ASA Series
10 Watts
Special Features
• Encapsulated
• 2:1 input range
• 1.25" X 0.8” DIP package
• 1500Vdc I/O isolation
• Single output
Total Power:
10 Watts
Input Voltage: 24V or 48V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
18 to 36 VDC; 36 to 75 VDC
Efficiency2
83%@12Vo
Output
Voltage tolerance
±2.0%
Line regulation
±0.8%
Load regulation
±1.2%
Noise/ripple
100mV for 2.5Vo,
3.3Vo and
5.0Vo
120mV for 12Vo
Short circuit protection
Auto-restart
Switching frequency
350KHz
Temperature coefficient
±0.02 /°C
Isolation
I/O isolation
1500 VDC min.
Insulation resistance
10Mohm
Insulation capacitance
1000pF
CE Mark
Rev. 03.03.06
ASA 10W Series
1of 2
Operating ambient temperature range
-40°C to +60°C (no derating)
Storage temperature
-55°C to +105°C
Humidity
5% to 95% (non-condensing)
MTBF
1 Mhrs demonstrated MTBF
RoHS Compliant
Environmental Specifications
RoHS


Similar Part No. - ASA03G24-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ASA03G24-L ASTEC-ASA03G24-L Datasheet
115Kb / 2P
Short circuit protection
logo
Artesyn Technologies
ASA03G24-LS ARTESYN-ASA03G24-LS Datasheet
515Kb / 2P
Electrical Specifications
More results

Similar Description - ASA03G24-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10U ASTEC-AA10U Datasheet
322Kb / 2P
10 Watts AA10U
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
10 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
10 Watts
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
10 Watts
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
10 Watts
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
5/10 Watts
JCH10 XPPOWER-JCH10 Datasheet
337Kb / 2P
10 Watts JCH Series
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
10 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com