Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEE01AA24 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEE01AA24
Description  10 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEE01AA24 Datasheet(HTML) 1 Page - Astec America, Inc

  AEE01AA24 Datasheet HTML 1Page - Astec America, Inc AEE01AA24 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
10 Watts
AEE01-Dual
• 10 W, Dual output
• 2:1 Input range
• 1.0" x 2.0" x 0.33 case
• Industry standard package
• Low Profile
• Low Cost
Operating base temperature range:
-25°C to +95°C
Storage temperature: -40°C to +105°C
MTBF: 2.7 Million Hours (Belcore TR332)
UL
UL1950 Recognition
CSA
CSA22.2-950 Recognition
TUV
EN60950 Recognition
Input
Input range
18 to 36 VDC
36 to 72 VDC
Efficiency
79% typical (±5V)
Output
Voltage tolerance
±1.0%
Overall regulation
±1% max
Noise/ripple
1% (mV P-P)
Transient response
200 usec typical (50% step load
change to within 5%Vo)
Temperature Regulation
±0.02 %Vo/°C
Switching frequency
330kHz
Isolation
I/O isolation
500 VDC
Isolation Resistance
300 Mohms
Total Power:
10 Watts
Input Voltages:
48V, 24V
No. of Outputs:
Dual
Environmental
Safety


Similar Part No. - AEE01AA24

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE01AA12-4 ASTEC-AEE01AA12-4 Datasheet
1Mb / 2P
10 Watts
AEE01AA12-4 ASTEC-AEE01AA12-4 Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE01AA18 ASTEC-AEE01AA18 Datasheet
107Kb / 2P
15 Watts
AEE01AA18-L ASTEC-AEE01AA18-L Datasheet
169Kb / 2P
AEE Series
logo
Emerson Network Power
AEE01AA18-L EMERSON-NETWORKPOWER-AEE01AA18-L Datasheet
169Kb / 2P
AEE 15W Series
More results

Similar Description - AEE01AA24

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
10 Watts
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
10 Watts
logo
Astec America, Inc
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
10 Watts
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
10 Watts
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
5/10 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AA10U ASTEC-AA10U Datasheet
322Kb / 2P
10 Watts AA10U
logo
XP Power Limited
JCH10 XPPOWER-JCH10 Datasheet
337Kb / 2P
10 Watts JCH Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com