Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT-105-14 Datasheet(PDF) 2 Page - Alpha Wire

Part # FIT-105-14
Description  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-105-14 Datasheet(HTML) 2 Page - Alpha Wire

  FIT-105-14_V01 Datasheet HTML 1Page - Alpha Wire FIT-105-14_V01 Datasheet HTML 2Page - Alpha Wire FIT-105-14_V01 Datasheet HTML 3Page - Alpha Wire FIT-105-14_V01 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Properties
Other
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
Physical & Mechanical Properties
1) Temperature Range
-20 to 105°C
2) Shrink Ratio
Approximately 2:1
3) Full Recovery Temperature
105 °C
4) Minimum Shrink Temperature
100°C
5) Tensile Strength
3000psi, Min
ASTM D638
6) Elongation
300%, Min
ASTM D638
7) Cold Impact(-55°C)
no cracking
ASTM D746
8) Heat Shock(180°C,4hrs)
no cracking
AMS-DTL-23053
9) Secant Modulus
2.5x10 4 psi, Min
ASTM D882
10) Longitudinal Change
+1%/-25%
AMS-DTL-23053
11) Specific Gravity
1.32, Max
ASTM D792
12) Shelf Life
1 Years @ 18 to 35°C
Electrical Properties
1) Dielectric Strength
1083 V/mil, Min
ASTM D876
2) Volume Resistivity
1x10 12 ohm-cm, Min
ASTM D876
Chemical Properties
1) Water Absorption
1.00%, Max
ASTM D570
2) Corrosion(0°C,16hrs)
no corrosion
AMS-DTL-23053
3) Fungus Resistance
Pass
AMS-DTL-23053
4) Halogen Free
No
5) Lead Free
Yes
Packaging
 
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207


Similar Part No. - FIT-105-14_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-105-14 ALPHAWIRE-FIT-105-14 Datasheet
70Kb / 3P
Customer Specification
More results

Similar Description - FIT-105-14_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
Customer Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com