Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22811X Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS22811X
Description  TPS22811x 2.7 V – 16 V, 10-A, 6-mΩ Load Switch with Adjustable Overvoltage Protection and Current Monitoring
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22811X Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22811X Datasheet HTML 6Page - Texas Instruments TPS22811X Datasheet HTML 7Page - Texas Instruments TPS22811X Datasheet HTML 8Page - Texas Instruments TPS22811X Datasheet HTML 9Page - Texas Instruments TPS22811X Datasheet HTML 10Page - Texas Instruments TPS22811X Datasheet HTML 11Page - Texas Instruments TPS22811X Datasheet HTML 12Page - Texas Instruments TPS22811X Datasheet HTML 13Page - Texas Instruments TPS22811X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
6.8 Typical Characteristics (continued)
TA (C)
-40
-20
0
20
40
60
80
100
120
140
1.2013
1.20135
1.2014
1.20145
1.2015
1.20155
1.2016
1.20165
1.2017
1.20175
1.2018
1.20185
1.2019
1.20195
VIN(V)
2.7
5
12
16
Figure 6-8. EN/UVLO Rising Threshold vs Temperature
TA (C)
-40
-20
0
20
40
60
80
100
120
140
1.2013
1.20135
1.2014
1.20145
1.2015
1.20155
1.2016
1.20165
1.2017
1.20175
1.2018
1.20185
1.2019
1.20195
VIN(V)
2.7
5
12
16
Figure 6-9. EN/UVLO Falling Threshold vs Temperature
TA (C)
-40
-20
0
20
40
60
80
100
120
140
0.58
0.6
0.62
0.64
0.66
0.68
0.7
0.72
0.74
0.76
0.78
0.8
VIN(V)
2.7
5
12
16
Figure 6-10. EN/UVLO Shutdown Falling Threshold vs
Temperature
TA (C)
-40
-20
0
20
40
60
80
100
120
140
1.2014
1.20145
1.2015
1.20155
1.2016
1.20165
1.2017
1.20175
1.2018
1.20185
1.2019
1.20195
1.202
1.20205
VIN(V)
2.7
5
12
16
Figure 6-11. EN/OVLO Rising Threshold vs Temperature
TA (C)
-40
-20
0
20
40
60
80
100
120
140
1.0945
1.09455
1.0946
1.09465
1.0947
1.09475
1.0948
1.09485
1.0949
1.09495
1.095
1.09505
1.0951
1.09515
1.0952
1.09525
VIN(V)
2.7
5
12
16
Figure 6-12. EN/OVLO Falling Threshold vs Temperature
TA(C)
-40
-20
0
20
40
60
80
100
120
140
32
35
38
41
44
VIN(V)
2.7
5
12
16
Figure 6-13. Fixed Fast-Trip Threshold vs Temperature
TPS22811
SLVSGU5A – APRIL 2022 – REVISED JULY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS22811


Similar Part No. - TPS22811X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22811X TI-TPS22811X Datasheet
3Mb / 42P
[Old version datasheet]   TPS22811x 2.7 V??6 V, 10-A, 6-m廓 Load Switch with Adjustable Overvoltage Protection and Current Monitoring
APRIL 2022
More results

Similar Description - TPS22811X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22811 TI-TPS22811 Datasheet
3Mb / 42P
[Old version datasheet]   TPS22811x 2.7 V??6 V, 10-A, 6-m廓 Load Switch with Adjustable Overvoltage Protection and Current Monitoring
APRIL 2022
TPS25983X TI1-TPS25983X Datasheet
5Mb / 52P
[Old version datasheet]   TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
AUGUST 2023
TPS25983 TI-TPS25983 Datasheet
4Mb / 57P
[Old version datasheet]   TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
REVISED OCTOBER 2023
TPS22950-Q1 TI-TPS22950-Q1_V01 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
[Old version datasheet]   TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
TPS25981 TI-TPS25981_V01 Datasheet
5Mb / 50P
[Old version datasheet]   TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JULY 2022
TPS25981 TI-TPS25981_V02 Datasheet
5Mb / 52P
[Old version datasheet]   TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
TPS25982 TI1-TPS25982_V01 Datasheet
5Mb / 56P
[Old version datasheet]   TPS25982 2.7 V to 24 V, 15-A, 2.7-m廓 Smart eFuse With 1.5% Accurate Load Current Monitoring and Adjustable Transient Fault Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com