Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5589 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5589
Description  Keypad Decoder and I/O Expansion
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5589 Datasheet HTML 6Page - Analog Devices ADP5589 Datasheet HTML 7Page - Analog Devices ADP5589 Datasheet HTML 8Page - Analog Devices ADP5589 Datasheet HTML 9Page - Analog Devices ADP5589 Datasheet HTML 10Page - Analog Devices ADP5589 Datasheet HTML 11Page - Analog Devices ADP5589 Datasheet HTML 12Page - Analog Devices ADP5589 Datasheet HTML 13Page - Analog Devices ADP5589 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 10 of 52
KEY
SCAN
CONTROL
1
2
3
4
5
6
7
8
9
VDD
R0
R1
R2
C2
C0
C1
3 × 3 KEYPAD MATRIX
Figure 9. Simplified Key Scan Block
Figure 9 shows a simplified representation of the key scan block
using three row and three column pins connected to a small
3 × 3, nine-switch keypad matrix. When the key scanner is idle,
the row pins are pulled high and the column pins are driven
low. The key scanner operates by checking the row pins to see
if they are low.
If Switch 6 in the matrix is pressed, R1 connects to C2. The key
scan circuit senses that one of the row pins is pulled low, and a
key scan cycle begins. Key scanning involves driving all column
pins high, then driving each column pin, one at a time, low and
sensing whether a row pin is low or not. All row/column pairs are
scanned; therefore, if multiple keys are pressed, they are
detected.
To prevent glitches or narrow press times being registered as a
valid key press, the key scanner requires the key be pressed for
two scan cycles. The key scanner has a wait time between each
scan cycle; therefore, the key must be pressed and held for at
least this wait time to register as being pressed. If the key is
continuously pressed, the key scanner continues to scan, wait,
scan, wait, and so forth.
If Switch 6 is released, the connection between R1 and C2
breaks, and R1 is pulled up high. The key scanner requires that
the key be released for two scan cycles because the release of a
key is not necessarily in sync with the key scanner, it may take
up to two full wait/scan cycles for a key to register as released.
When the key is registered as released, and no other keys are
pressed, the key scanner returns to idle mode.
For the remainder of this document, the press/release status of a
key is represented as simply a logic signal in the figures. A logic
high level represents the key status as pressed, and a logic low
represents released. This eliminates the need to draw individual
row/column signals when describing key events.
KEY x
KEY RELEASED
KEY RELEASED
KEY PRESSED
Figure 10. Logic Low: Released; Logic High: Pressed
Figure 11 shows a detailed representation of the key scan block
and its associated control and status signals. When all row and
column pins are used, a matrix of 88 unique keys can be
scanned.


Similar Part No. - ADP5589

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5589ACBZ-00-R7 AD-ADP5589ACBZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5589ACBZ-01-R7 AD-ADP5589ACBZ-01-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5589ACBZ-02-R7 AD-ADP5589ACBZ-02-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5589ACPZ-01-R7 AD-ADP5589ACPZ-01-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
More results

Similar Description - ADP5589

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
Rev. C
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
logo
National Semiconductor ...
LM8333 NSC-LM8333 Datasheet
777Kb / 17P
Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
Simplified I/O Expansion
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com