Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5585 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5585
Description  Keypad Decoder and I/O Expansion
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5585_V01 Datasheet HTML 2Page - Analog Devices ADP5585_V01 Datasheet HTML 3Page - Analog Devices ADP5585_V01 Datasheet HTML 4Page - Analog Devices ADP5585_V01 Datasheet HTML 5Page - Analog Devices ADP5585_V01 Datasheet HTML 6Page - Analog Devices ADP5585_V01 Datasheet HTML 7Page - Analog Devices ADP5585_V01 Datasheet HTML 8Page - Analog Devices ADP5585_V01 Datasheet HTML 9Page - Analog Devices ADP5585_V01 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 6 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
INT
RST/R5
1
A
B
C
D
23
4
C1
R2
VDD
C2
SDA
R4
C3
R1
SCL
C4
R0
GND
C0
R3
BALL A1
CORNER
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
12
11
10
1
3
4
VDD
RST(R5)
C4
9
C3
R4
R2
2
R3
R1
TOP VIEW
Not to Scale
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED.
IT IS RECOMMENDED TO CONNECT THE
EXPOSED PAD TO GROUND FOR THERMAL
DISSIPATION.
Figure 3. WLCSP Pin Configuration
Figure 4. LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
WLCSP
LFCSP
Mnemonic
Description
D1
1
R4
GPIO 5 (GPIO Alternate Function: RESET1). This pin functions as Row 4 when used as a keypad.
D2
2
R3
GPIO 4 (GPIO Alternate Function: Logic Block Input LC, PWM_OUT). This pin functions as Row 3
when used as a keypad.
C1
3
R2
GPIO 3 (GPIO Alternate Function: Logic Block Input LB). This pin functions as Row 2 when used as a
keypad.
C2
4
R1
GPIO 2 (GPIO Alternate Function: Logic Block Input LA). This pin functions as Row 1 when used as a
keypad.
B1
5
R0
GPIO 1 (GPIO Alternate Function: Logic Block Output LY). This pin functions as Row 0 when used as a
keypad.
B4
6
C0
GPIO 7. This pin functions as Column 0 when used as a keypad.
C3
7
C1
GPIO 8. This pin functions as Column 1 when used as a keypad.
C4
8
C2
GPIO 9. This pin functions as Column 2 when used as a keypad.
D3
9
C3
GPIO 10 (GPIO Alternate Function: PWM_IN). This pin functions as Column 3 when used as a keypad.
D4
10
C4
GPIO 11 (GPIO Alternate Function: RESET2). This pin functions as Column 4 when used as a keypad.
B3
11
RST/R5
Input Reset Signal. To expand the keypad matrix, select the ADP5585ACBZ-01-R7 or the
ADP5585ACPZ-01-R7 device model for this pin to function as GPIO 6/Row 5.
A1
12
VDD
Supply Voltage Input.
A4
13
GND
Ground.
A2
14
SDA
I2C Data Input/Output.
A3
15
SCL
I2C Clock Input.
B2
16
INT
Open-Drain Interrupt Output.
EP
EP
Exposed Pad. The exposed pad is not connected. It is recommended to connect the exposed pad to
ground for thermal dissipation.


Similar Part No. - ADP5585_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5585ACBZ-00-R7 AD-ADP5585ACBZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-01-R7 AD-ADP5585ACBZ-01-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-02-R7 AD-ADP5585ACBZ-02-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-04-R7 AD-ADP5585ACBZ-04-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
More results

Similar Description - ADP5585_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
REV. B
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
Rev. B
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
   Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
National Semiconductor ...
LM8333 NSC-LM8333 Datasheet
777Kb / 17P
   Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
   Simplified I/O Expansion
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com