Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5585 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5585
Description  Keypad Decoder and I/O Expansion
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585 Datasheet(HTML) 5 Page - Analog Devices

  ADP5585_V01 Datasheet HTML 1Page - Analog Devices ADP5585_V01 Datasheet HTML 2Page - Analog Devices ADP5585_V01 Datasheet HTML 3Page - Analog Devices ADP5585_V01 Datasheet HTML 4Page - Analog Devices ADP5585_V01 Datasheet HTML 5Page - Analog Devices ADP5585_V01 Datasheet HTML 6Page - Analog Devices ADP5585_V01 Datasheet HTML 7Page - Analog Devices ADP5585_V01 Datasheet HTML 8Page - Analog Devices ADP5585_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 5 of 40
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDD to GND
−0.3 V to +4 V
SCL, SDA, RST, INT, R0, R1, R2, R3, R4,
C0, C1, C2, C3, C4 to GND
−0.3 V to (VDD + 0.3 V)
Temperature Range
Operating (Ambient)
−40°C to +85°C1
Operating (Junction)
−40°C to +125°C
Storage
−65°C to +150°C
1
In applications where high power dissipation and poor thermal resistance
are present, the maximum ambient temperature may need to be derated.
Maximum ambient temperature (TA(MAX)) is dependent on the maximum
operating junction temperature (TJ (MAXOP) = 125°C), the maximum power
dissipation of the device (PD(MAX)), and the junction-to-ambient thermal
resistance of the device/package in the application (θJA), using the following
equation: TA (MAX) = TJ (MAXOP) − (θJA × PD (MAX)).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to GND.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a printed circuit board (PCB) for surface-mount
packages.
Table 3.
Thermal Resistance
θJA
Unit
16-Ball WLCSP
62
°C/W
Maximum Power Dissipation
70
mW
16-Lead LFCSP
67.154
°C/W
Maximum Power Dissipation
70
mW
ESD CAUTION


Similar Part No. - ADP5585_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5585ACBZ-00-R7 AD-ADP5585ACBZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-01-R7 AD-ADP5585ACBZ-01-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-02-R7 AD-ADP5585ACBZ-02-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-04-R7 AD-ADP5585ACBZ-04-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
More results

Similar Description - ADP5585_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
REV. B
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
Rev. B
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
   Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
National Semiconductor ...
LM8333 NSC-LM8333 Datasheet
777Kb / 17P
   Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
   Simplified I/O Expansion
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com