Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # NE555
Description  Timing from microseconds to hours
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE555 Datasheet(HTML) 1 Page - Diodes Incorporated

  NE555 Datasheet HTML 1Page - Diodes Incorporated NE555 Datasheet HTML 2Page - Diodes Incorporated NE555 Datasheet HTML 3Page - Diodes Incorporated NE555 Datasheet HTML 4Page - Diodes Incorporated NE555 Datasheet HTML 5Page - Diodes Incorporated NE555 Datasheet HTML 6Page - Diodes Incorporated NE555 Datasheet HTML 7Page - Diodes Incorporated NE555 Datasheet HTML 8Page - Diodes Incorporated NE555 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NE555/SA555/NA555
Document number: DS35112 Rev. 5 - 2
1 of 14
www.diodes.com
February 2021
© Diodes Incorporated
NE555
PRECISION TIMER
Description
These devices are precision timing circuits capable of producing
accurate time delays or oscillation. In the time-delay or monostable
mode of operation, the timed interval is controlled by a single external
resistor and capacitor network. In the astable mode of operation, the
frequency and duty cycle can be controlled independently with two
external resistors and a single external capacitor.
The threshold and trigger levels normally are two-thirds and one-third,
respectively, of VCC. These levels can be altered by use of the
control-voltage terminal. When the trigger input falls below the trigger
level, the flip-flop is set, and the output goes high. If the trigger input
is above the trigger level and the threshold input is above the
threshold level, the flip-flop is reset and the output is low. The reset
(RESET) input can override all other inputs and can be used to
initiate a new timing cycle. When RESET goes low, the flip-flop is
reset, and the output goes low. When the output is low, a low-
impedance path is provided between discharge (DISCH) and ground.
The output circuit is capable of sinking or sourcing current up to
200mA. Operation is specified for supplies of 5V to 15V. With a 5-V
supply, output levels are compatible with TTL inputs.
Features
Timing from microseconds to hours
Astable or monostable operation
Adjustable duty cycle
TTL compatible output can source or sink up to 200mA
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
Notes:
1. No purposely added lead. FullyEU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3).compliant.
2. See https://www.diodes.com/quality/lead-free/ formore information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
(Top View)
SO-8
VCC
DISCH
THRES
CONT
OUT
TRIG
GND
RESET


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
Precision Timer
logo
Fairchild Semiconductor
NE555 FAIRCHILD-NE555 Datasheet
150Kb / 14P
Single Timer
logo
Harris Corporation
NE555 HARRIS-NE555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
NEC
NE555 NEC-NE555 Datasheet
26Kb / 1P
PRECISION TIMERS
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE555V TI-NE555V Datasheet
1Mb / 21P
Timing from Microseconds through Hours
logo
List of Unclassifed Man...
HP51A6 ETC2-HP51A6 Datasheet
69Kb / 2P
16 standard time ranges from 5 seconds to 60 hours
logo
Diodes Incorporated
NA555S-13 DIODES-NA555S-13 Datasheet
729Kb / 14P
Timing from microseconds to hours
logo
Illinois Capacitor, Inc...
AVD ILLINOISCAPACITOR-AVD Datasheet
209Kb / 2P
Low Impedance, up to 5000 hours
105RSS050M ILLINOISCAPACITOR-105RSS050M_16 Datasheet
194Kb / 2P
7 to 15mm Height 1000 hours
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
Long Life, up to 5000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
logo
SHENZHEN FUMAN ELECTRON...
SC556 FUMAN-SC556 Datasheet
418Kb / 10P
Timing from microseconds to hours
logo
Guangdong Youtai Semico...
SA555DR UMW-SA555DR Datasheet
526Kb / 18P
Timing From Microseconds to Hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com