Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB7432 Datasheet(PDF) 15 Page - Qorvo, Inc

Part # QPB7432
Description  FTTH xPON Video Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432 Datasheet(HTML) 15 Page - Qorvo, Inc

Back Button QPB7432_V01 Datasheet HTML 11Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 12Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 13Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 14Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 15Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 16Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 17Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 18Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 19Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
QPB7432
FTTH xPON Video Receiver
Data Sheet Rev D | 3 Sep 2021 | Subject to change without notice
- 15 of 26 -
www.qorvo.com
Test conditions unless otherwise stated: Temperature=+25°C, VDD=+5 V
38
40
42
44
46
48
50
52
54
50 165 280 395 510 625 740 855 970 10851200
Frequency (MHz)
OIP2 Over Vdd
4.5V
5V
5.5V
38
40
42
44
46
48
50
52
54
50 165 280 395 510 625 740 855 970 1085 1200
Frequency (MHz)
OIP2 Over Temperature
-40°C
25°C
85°C
34
35
36
37
38
39
40
41
42
43
44
50 165 280 395 510 625 740 855 970 10851200
Frequency (MHz)
OIP3 Over Vdd
4.5V
5V
5.5V
34
35
36
37
38
39
40
41
42
43
44
50 165 280 395 510 625 740 855 970 1085 1200
Frequency (MHz)
OIP3 Over Temperature
-40°C
25°C
85°C
18
19
20
21
22
23
24
50
300
600
900
1200
Frequency (MHz)
OP1dB Over Vdd
4.5V
5V
5.5V
18
19
20
21
22
23
24
50
300
600
900
1200
Frequency (MHz)
OP1dB Over Temp
-40°C
25°C
85°C
Typical Performance: 75 Ω EVB –  QPB7432PCK-2 (cont’d)


Similar Part No. - QPB7432_V01

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432PCK QORVO-QPB7432PCK Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432PCK-2 QORVO-QPB7432PCK-2 Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432PCK-3 QORVO-QPB7432PCK-3 Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432SQ QORVO-QPB7432SQ Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432SR QORVO-QPB7432SR Datasheet
2Mb / 26P
FTTH xPON Video Receiver
More results

Similar Description - QPB7432_V01

ManufacturerPart #DatasheetDescription
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
VIDEO DIFFERENTIAL INPUT RECEIVER
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
xPON Video Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
AUDIO/VIDEO MULTI-CHANNEL RECEIVER
logo
Qorvo, Inc
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
xPON Video Receiver
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
xPON Video Receiver with integrated VCA
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
xPON Video Receiver
QPB7432 QORVO-QPB7432 Datasheet
2Mb / 26P
FTTH xPON Video Receiver
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
Video Over Powerline PRO Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com