Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB7432 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # QPB7432
Description  FTTH xPON Video Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button QPB7432_V01 Datasheet HTML 3Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 4Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 5Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 6Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 7Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 8Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 9Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 10Page - Qorvo, Inc QPB7432_V01 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
QPB7432
FTTH xPON Video Receiver
Data Sheet Rev D | 3 Sep 2021 | Subject to change without notice
- 7 of 26 -
www.qorvo.com
Test conditions unless otherwise stated: Temperature=+25 °C, VDD=+5 V
-5
-4
-3
-2
-1
0
1
2
3
4
5
50
200
350
500
650
800
950
1100
Frequency (MHz)
OE Gain Flatness Over Vdd
4.5V
5V
5.5V
-5
-4
-3
-2
-1
0
1
2
3
4
5
50
200
350
500
650
800
950
1100
Frequency (MHz)
OE Gain Flatness Over Temperature
-40°C
25°C
85°C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
50
200
350
500
650
800
950 1100
Frequency (MHz)
Output Return Loss over Vdd
4.5V
5V
5.5V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
50
200
350
500
650
800
950 1100
Frequency (MHz)
Output Return Loss over Temperature
-40°C
25°C
85°C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
50
200
350
500
650
800
950
1100
Frequency (MHz)
Output Return Loss vs Vc
0V
1.5V
2.5V
3.5V
4.5V
0
1
2
3
4
5
6
7
8
9
10
0V
1.5V
2.5V
3.5V
4.5V
Frequency (MHz)
Gain Tilt Vs Vc Over Temp 50-1218MHz
-40°C
25°C
85°C
Typical Performance – Optical Receiver Application EVB
 – QPB7432PCK (cont’d)


Similar Part No. - QPB7432_V01

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432PCK QORVO-QPB7432PCK Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432PCK-2 QORVO-QPB7432PCK-2 Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432PCK-3 QORVO-QPB7432PCK-3 Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432SQ QORVO-QPB7432SQ Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432SR QORVO-QPB7432SR Datasheet
2Mb / 26P
FTTH xPON Video Receiver
More results

Similar Description - QPB7432_V01

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432 Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
xPON Video Receiver
logo
Qorvo, Inc
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
xPON Video Receiver with integrated VCA
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
VIDEO DIFFERENTIAL INPUT RECEIVER
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
Video Over Powerline PRO Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com