Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4435.0054 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4435.0054
Description  Screw-on collar with cover, IP65
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4435.0054 Datasheet(HTML) 1 Page - Schurter Inc.

  4435.0054 Datasheet HTML 1Page - Schurter Inc. 4435.0054 Datasheet HTML 2Page - Schurter Inc. 4435.0054 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Accessories
TA35 Accessories
https://www.schurter.com /PGZ04
Circuit Breakers
Screw-on collar with cover, IP65
Screw-on collar with cover
1-pole, CZZ11
Screw-on collar with cover
2-pole, CZZ21
Screw-on collar with cover
3-pole, CZZ31
See below:
Approvals and Compliances
Description
- Screw-on collar with cover, IP65
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Product News
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - 4435.0054

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4435.0050 SCHURTER-4435.0050 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
4435.0056 SCHURTER-4435.0056 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results

Similar Description - 4435.0054

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7028005 FIBOX-7028005 Datasheet
47Kb / 1P
   Cover screw
11.08.2023
7010635 FIBOX-7010635 Datasheet
42Kb / 1P
   Cover screw
02.08.2023
7010425 FIBOX-7010425 Datasheet
42Kb / 1P
   Cover screw
02.08.2023
7038005 FIBOX-7038005 Datasheet
37Kb / 1P
   Cover screw set
11.08.2023
7038036 FIBOX-7038036 Datasheet
47Kb / 1P
   Cover screw set
11.08.2023
logo
PHOENIX CONTACT
1686229 PHOENIX-1686229 Datasheet
56Kb / 2P
   Sealing screw - HC-D 7-DS-IP65
3241053 PHOENIX-3241053 Datasheet
62Kb / 3P
   Screw connection - WP-G BRASS IP65 PG11
09/12/2020
logo
FIBOX Enclosing innovat...
8522001 FIBOX-8522001 Datasheet
37Kb / 1P
   Cover screw, grey, polyamide
11.08.2023
8522002 FIBOX-8522002 Datasheet
48Kb / 1P
   Cover screw, grey, polyamide
11.08.2023
logo
List of Unclassifed Man...
A10086SC ETC2-A10086SC Datasheet
621Kb / 2P
   Screw Cover, Type 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com