Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4430.1625 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 4430.1625
Description  Accessories to TA45
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4430.1625 Datasheet(HTML) 3 Page - Schurter Inc.

  4430.1625 Datasheet HTML 1Page - Schurter Inc. 4430.1625 Datasheet HTML 2Page - Schurter Inc. 4430.1625 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Accessories
TA45-ACC
https://www.schurter.com /Z04
Circuit Breakers
AZZ71
89.4
1)
2)
21.6
8.7
20.1
89.4
28.1
1) CBE switchable
2) CBE not switchable
All Variants
Suitable for
Type
Designation
Poles
Degree of Pro-
tection
Mounting
Order Number
TA45 2 pole Push button
CBE TA45-AZZ71
Locking device black, safety-
lock type
2-pole
-
Snap-in version
4430.1625
TA45 2 pole Push button, TA45 2 pole Rocker
CBE TA45-AZZ51
Rear cover
2-pole
IP40
Snap-in or flange
mounted
4430.0519
TA45 2 pole Push button
CBE TA45-AZZ61
Flat gasket
2-pole
IP54
Snap-in version
4430.0499
TA45 2 pole Rocker
CBE TA45-AZZ31
Flat gasket
2-pole
IP54
Snap-in version
4430.0685
TA45 2 pole Rocker
CBE TA45-AZZ04
Screw-on cover with collar
2-pole
IP65
Snap-in version
4430.0695
TA45 2 pole Push button, TA45 3 pole Push
button
CBE TA45-AZZ05
Screw-on cover
2 or 3 pole
IP65
Flange type
4430.0835
Order numbers 4430.1625 / 4430.0519 / 4430.0499 do not apply to variants with auxiliary contact.
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
1 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4430.1625

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4430.1089 SCHURTER-4430.1089 Datasheet
601Kb / 8P
Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
4430.1328 SCHURTER-4430.1328 Datasheet
601Kb / 8P
Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
4430.1564 SCHURTER-4430.1564 Datasheet
707Kb / 10P
Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
More results

Similar Description - 4430.1625

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6145 SCHURTER-6145 Datasheet
1Mb / 5P
IEC Appliance Inlet C14 with Circuit Breaker TA45
logo
List of Unclassifed Man...
A235-2 ETC2-A235-2 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Schurter Inc.
EF11 SCHURTER-EF11_17 Datasheet
531Kb / 6P
IEC Appliance Inlet C20 with Circuit Breaker TA45
DF12 SCHURTER-DF12_18 Datasheet
703Kb / 7P
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
EF11 SCHURTER-EF11_18 Datasheet
701Kb / 7P
IEC Appliance Inlet C20 with Circuit Breaker TA45
6145 SCHURTER-6145_18 Datasheet
622Kb / 6P
IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ACC SCHURTER-TA45-ACC Datasheet
362Kb / 4P
Accessories to TA45
6145 SCHURTER-6145_V01 Datasheet
575Kb / 6P
IEC Appliance Inlet C14 with Circuit Breaker TA45
EF11 SCHURTER-EF11_V01 Datasheet
741Kb / 9P
IEC Appliance Inlet C20 with Circuit Breaker TA45
17.12.2021
TA45-ACC SCHURTER-TA45-ACC_V01 Datasheet
369Kb / 4P
Accessories to TA45
09.12.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com