Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPW1000 Datasheet(PDF) 2 Page - Total Power International

Part # MPW1000
Description  MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPW1000 Datasheet(HTML) 2 Page - Total Power International

  MPW1000 Datasheet HTML 1Page - Total Power International MPW1000 Datasheet HTML 2Page - Total Power International MPW1000 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Total Power Int’l
Tel: 877-646-0900
Fax: 978-453-7272
Email: sales@total-power.com
http://www.total-power.com
Parameter
Model
Min.Typ.
Max.Unit
12V Input Models
8.6
8.8
9
24V Input Models
17
17.5
18
48V Input Models
34
35
36
12V Input Models
8.1
8.3
8.5
24V Input Models
16
16.5
17
48V Input Models
32
33
34
Reverse Polarity Input Current
2A
Short Circuit Input Power
4500
mW
Input Filter
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
+/- 0.5 +/- 1.0
%
Output Voltage Balance
Dual Output Balance Load
+/- 0.5 +/- 2.0
%
Line Regulation
Vin = Min. to Max.
+/- 0.1 +/- 0.3
%
Load Regulation
Io = 10% to 100%
+/- 0.1 +/- 0.5
%
Ripple & Noise (20MHz)
55
80
mVP-P
Ripple & Noise (20MHz)
Over Line Load & Temp.
100
mVP-P
Ripple & Noise (20MHz)
10
mV rms.
Over Power Protection
110
160
%
Transient Recovery Time
150
300
uS
Transient Response Deviation
+/- 2
+/-4
%
Temperature Coefficient
+/- 0.01 +/- 0.02
% C
Output Short Circuit
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
60 Seconds
1500
VDC
Isolation Test Voltage
Flash Tested for 1 Second
1650
VDC
Isolation Resistance
500VDC
1000
M Ohms
Isolation Capacitance
100KHz 1V
1200
1500
pF
Switching Frequency
290
330
360
KHz
Over Temperature Protection
Case Temperature, auto recovery
107
112
117
C
MTBF
MIL-HDBK-217F @ 25 C. Ground Benign
1000
K Hours
Parameter
Min.Max.Unit
Operating Temperature
-40
50
C
Operating Temperature
-40
105
C
Storage Temperature
-50
125
C
Humidity
95
%
Cooling
RFI
Conducted EMI
Conditions
General Specifications
Input Specifications
Output Specifications
25% Load Step Change
Continuous
All Models
Pi Filter
Free-Air Convection
Six-Side Shielded Metal Case
EN55022 Class A
Ambient
Case
VDC
Start Voltage
Under Voltage Shutdown
Environmental Specifications


Similar Part No. - MPW1000

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1000 MINMAX-MPW1000_12 Datasheet
314Kb / 6P
DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
MPW1000 MINMAX-MPW1000_15 Datasheet
696Kb / 7P
DC/DC CONVERTER 30W
logo
Total Power Internation...
MPW1000 TOTAL-POWER-MPW1000_17 Datasheet
488Kb / 8P
25~30W wide input range
More results

Similar Description - MPW1000

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MKW1000 TOTAL-POWER-MKW1000 Datasheet
263Kb / 8P
10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Tumbler Technologies + ...
TD5-25S1205 TRUMPOWER-TD5-25S1205 Datasheet
22Kb / 1P
DC/DC CONVERTERS 2:1 Input, 25 Watts
logo
Total Power Internation...
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com