Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2-10FZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TX2-10FZ
Description  AUTOMOTIVE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TX2-10FZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TX2-10FZ Datasheet HTML 1Page - List of Unclassifed Manufacturers TX2-10FZ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TX2 - 8
X
F
Z
TX1: 1 Form C ; TX2: 2x1 Form C
Coil: 8=200ohm; 9=250ohm ; 10=320ohm
Contact Material: Blank=Standard ; X=Special
Coil Terminal: Blank= 3 pins ; F= 4 pins
Contact Terminals: Blank=Std (Common NC)
Z= NC contact is independent
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
PH (732) 922-6333 FX (732) 922-6363 E-mail: globalcomponents@msn.com
n How to order
n Dimensions
n
Characteristics


Similar Part No. - TX2-10FZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TX2-1.5V NAIS-TX2-1.5V Datasheet
166Kb / 7P
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
TX2-1.5V PANASONIC-TX2-1.5V Datasheet
3Mb / 7P
Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-1.5V-TH PANASONIC-TX2-1.5V-TH Datasheet
57Kb / 4P
Small size, controlled 7.5A inrush current possible
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
TX2-12V PANASONIC-TX2-12V Datasheet
3Mb / 7P
Best seller with broad lineup and AC 2000 V breakdown voltage.
More results

Similar Description - TX2-10FZ

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
AUTOMOTIVE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com